Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP280N04P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP280N04P
Description  40V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP280N04P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP280N04P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP280N04P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP280N04P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP280N04P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP280N04P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP280N04P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP280N04P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP280N04P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP280N04PIT
40V N-Channel Enhancement Mode MOSFET
AP280N04P/T REV1.0
永源微電子科技有限公司
N-Channel Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
40
48
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=40V, VGS=0V,
-
-
1.0
μA
IGSS
Gate to Body Leakage Current
VDS=0V, VGS= ±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250μA
1.0
1.8
2.5
V
RDS(on)
Static Drain-Source on-Resistance
VGS=10V, ID=30A
-
1.2
1.5
mΩ
VGS=4.5V, ID=20A
-
1.7
2.5
mΩ
Ciss
Input Capacitance
VDS=20V, VGS=0V,
f=1.0MHz
-
8300
-
pF
Coss
Output Capacitance
-
1510
-
pF
Crss
Reverse Transfer Capacitance
-
130
-
pF
Qg
Total Gate Charge
VDS=20V, ID=85A,
VGS=10V
-
127
-
nC
Qgs
Gate-Source Charge
-
35
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
26
-
nC
td(on)
Turn-on Delay Time
VDD=20V, ID=85A,
RG=1.6Ω, VGS=10V
-
22.5
-
ns
tr
Turn-on Rise Time
-
6.7
-
ns
td(off)
Turn-off Delay Time
-
80.3
-
ns
tf
Turn-off Fall Time
-
26.9
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
300
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
750
A
VSD
Drain to Source Diode Forward Voltage
VGS=0V, IS=30A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
TJ=25℃,
IF=IS,dI/dt=100A/μs
-
100
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
163
-
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD =32V,VGS =10V,L=0.1mH,IAS =70A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com