Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP320N10TLG2 Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP320N10TLG2
Description  100V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP320N10TLG2 Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP320N10TLG2 Datasheet HTML 1Page - A POWER MICROELECTRONICS AP320N10TLG2 Datasheet HTML 2Page - A POWER MICROELECTRONICS AP320N10TLG2 Datasheet HTML 3Page - A POWER MICROELECTRONICS AP320N10TLG2 Datasheet HTML 4Page - A POWER MICROELECTRONICS AP320N10TLG2 Datasheet HTML 5Page - A POWER MICROELECTRONICS AP320N10TLG2 Datasheet HTML 6Page - A POWER MICROELECTRONICS AP320N10TLG2 Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP320N10TLG2
100V N-Channel Enhancement Mode MOSFET
AP320N10TLG2 REV1.0
永源微電子科技有限公司
Package Mechanical Data-TOLLA-8-XZ Single
Symbol
Dimensions In Millimeters
Min.
Nom
Max.
A
2.2
2.3
2.4
A1
1.7
1.8
1.9
b
0.6
0.7
0.8
b1
9.7
9.8
9.9
b2
0.65
0.75
0.85
b3
1.1
1.2
1.3
C
0.4
0.5
0.6
D
10.3
10.4
10.5
D1
11.0
11.1
11.2
D2
3.2
3.3
3.4
D4
4.47
4.57
4.67
E
9.8
9.9
10.0
E1
8.0
8.1
8.2
E2
0.5
0.6
0.7
e
1.200(BSC)
e1
1.225(BSC)
H
11.6
11.7
11.8
H1
6.95BSC
H2
5.9BSC
i
0.1REF
j
0.350REF
K
3.100REF
L
1.55
1.65
1.75
L1
0.6
0.7
0.8
L2
0.5
0.6
0.7
L3
0.4
0.5
0.6
Q
7.95REF
R
3.0
3.1
3.2
θ
10°REG



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com