Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7383/B1C3-AMQA/MS Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 7383/B1C3-AMQA/MS
Description  Specially designed for applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

7383/B1C3-AMQA/MS Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  7383/B1C3-AMQA/MS Datasheet HTML 1Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 2Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 3Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 4Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 5Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 6Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 7Page - Everlight Electronics Co., Ltd 7383/B1C3-AMQA/MS Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
7383/B1C3-AMQA/X/MS
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev :1
Page: 8 of 8
Device Number : DLE-738-032
Prepared date:05-05-2006
Prepared : Flourix Chen
6. Soldering Condition
Careful attention should be paid during soldering. When soldering, leave more then 3mm
from solder joint to case, and soldering beyond the base of the tie bar is recommended.
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
400
Max.
℃
(30W
Max.)
Preheat temp.
100
Max.
℃
(60 sec Max.)
Soldering time
3 sec Max.
Bath temp.
265 Max.
Distance
3mm Min.(From solder
joint to case)
Bath time.
5 sec Max.
Distance
3mm Min.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com