Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT1069C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT1069C
Description  Silicon P Channel Power MOSFET Power Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1069C Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT1069C Datasheet HTML 1Page - Renesas Technology Corp HAT1069C Datasheet HTML 2Page - Renesas Technology Corp HAT1069C Datasheet HTML 3Page - Renesas Technology Corp HAT1069C Datasheet HTML 4Page - Renesas Technology Corp HAT1069C Datasheet HTML 5Page - Renesas Technology Corp HAT1069C Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HAT1069C
R07DS1169EJ0400 Rev.4.00
Page 2 of 5
Mar 19, 2014
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
–12
—
—
V
ID = –10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±8
—
—
V
IG = ±100
μA, VDS = 0
Gate to source leak current
IGSS
—
—
±10
μA
VGS = ±6.4 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
–1
μA
VDS = –12 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
–0.3
—
–1.2
V
VDS = –10 V, ID = –1 mA
Static drain to source on state
resistance
RDS(on)
—
38
52
m
Ω
ID = –1.5 A, VGS = –4.5 V
RDS(on)
—
48
70
m
Ω
ID = –1.5 A, VGS = –2.5 V
RDS(on)
—
60
93
m
Ω
ID = –1.5 A, VGS = –1.8 V
Forward transfer admittance
|yfs|
5
8
—
S
ID = –1.5 A, VDS = –10 V
Input capacitance
Ciss
—
1380
—
pF
VDS = –10 V
VGS = 0
f = 1 MHz
Output capacitance
Coss
—
235
—
pF
Reverse transfer capacitance
Crss
—
115
—
pF
Total gate charge
Qg
—
16
—
nC
VDS = –10 V
VGS = –4.5 V
ID = –3 A
Gate to source charge
Qgs
—
3
—
nC
Gate to drain charge
Qgd
—
6.2
—
nC
Turn-on delay time
td(on)
—
35
—
ns
VGS = –4 V, ID = –1.5 A
VDD
≅ –10 V
RL = 6.6
Ω
Rg = 4.7
Ω
Rise time
tr
—
150
—
ns
Turn-off delay time
td(off)
—
490
—
ns
Fall time
tf
—
350
—
ns
Body–drain diode forward voltage
VDF
—
–0.8
–1.1
V
IF = –4 A, VGS = 0
Note3
Notes: 3. Pulse test



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com