Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB-001LEVALZ Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 15Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 16Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 17Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 18Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 19Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 20Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 21Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 22Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
ISLA224P12
FN7983 Rev.4.01
Page 19 of 32
Apr 8, 2024
Over-Range Indicator
The over-range (OR) bit is asserted when the output code reaches
positive full-scale (e.g. 0xFFF in offset binary mode). The output
code does not wrap around during an over-range condition. The
OR bit is updated at the sample rate.
Power Dissipation
The power dissipated by the ISLA224P12 is primarily dependent
on the sample rate and the output modes: LVDS vs CMOS and
DDR vs SDR. There is a static bias in the analog supply, while the
remaining power dissipation is linearly related to the sample
rate. The output supply dissipation changes to a lesser degree in
LVDS mode, but is more strongly related to the clock frequency in
CMOS mode.
Nap/Sleep
Portions of the device may be shut down to save power during
times when operation of the A/D is not required. Two power saving
modes are available: Nap, and Sleep. Nap mode reduces power
dissipation to <103mW while Sleep mode reduces power
dissipation to <19mW.
All digital outputs (Data, CLKOUT and OR) are placed in a high
impedance state during Nap or Sleep. The input clock should
remain running and at a fixed frequency during Nap or Sleep, and
CSB should be high. Recovery time from Nap mode will increase
if the clock is stopped, since the internal DLL can take up to
104µs to regain lock at 125MSPS.
By default after the device is powered on, the operational state is
controlled by the NAPSLP pin as shown in Table 3.
The power-down mode can also be controlled through the SPI
port, which overrides the NAPSLP pin setting. Details on this are
contained in “Serial Peripheral Interface” on page 22.
Data Format
Output data can be presented in three formats: two’s
complement(default), Gray code and offset binary. The data
format can also be controlled through the SPI port, by writing to
address 0x73. Details on this are contained in “Serial Peripheral
Interface” on page 22.
Offset binary coding maps the most negative input voltage to
code 0x000 (all zeros) and the most positive input to 0xFFF (all
ones). Two’s complement coding simply complements the MSB
of the offset binary representation.
When calculating Gray code the MSB is unchanged. The
remaining bits are computed as the XOR of the current bit
position and the next most significant bit. Figure 35 shows this
operation.
Converting back to offset binary from Gray code must be done
recursively, using the result of each bit for the next lower bit as
shown in Figure 36.
Mapping of the input voltage to the various data formats is
shown in Table 4.
Clock Divider Synchronous Reset
An output clock (CLKOUTP, CLKOUTN) is provided to facilitate
latching of the sampled data. The output clock frequency is
equal to the input clock frequency divided by the internal clock
divider setting (see “Clock Input” on page 18).
TABLE 3. NAPSLP PIN SETTINGS
NAPSLP PIN
MODE
AVSS
Normal
Float
Sleep
AVDD
Nap
TABLE 4. INPUT VOLTAGE TO OUTPUT CODE MAPPING
INPUT
VOLTAGE
OFFSET BINARY
TWO’S
COMPLEMENT
GRAY CODE
–Full Scale 00 0000 0000 0000 10 0000 0000 0000 00 0000 0000 0000
–Full Scale
+ 1LSB
00 0000 0000 0001 10 0000 0000 0001 00 0000 0000 0001
Mid–Scale 10 0000 0000 0000 00 0000 0000 0000 11 0000 0000 0000
+Full Scale
– 1LSB
11 1111 1111 1110 01 1111 1111 1110 10 0000 0000 0001
+Full Scale 11 1111 1111 1111 01 1111 1111 1111 10 0000 0000 0000
FIGURE 35. BINARY TO GRAY CODE CONVERSION
12
13
11
0
1
BINARY
12
13
11
0
GRAY CODE
• • • •
• • • •
• • • •
1
FIGURE 36. GRAY CODE TO BINARY CONVERSION
12
13
11
0
1
BINARY
12
13
11
0
GRAY CODE
• • • •
• • • •
• • • •
1
• • • •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com