Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-4572-CE. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4572-CE.
Description  1-port Modbus Gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4572-CE. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4572-CE. Datasheet HTML 1Page - Advantech Co., Ltd. ADAM-4572-CE. Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Serial Device Servers
Features
ADAM-4572
1-port Modbus Gateway
Specifications
Ethernet Communications
ƒ
Compatibility
IEEE 802.3, IEEE 802.3u
ƒ
Speed
10/100 Mbps
ƒ
Port Connector
8-pin RJ45
Serial Communications
ƒ
Port Type
RS-232/422/485
ƒ
No. of Ports
1
ƒ
Port Connector
Plug-in terminal block
ƒ
Data Bits
7, 8
ƒ
Stop Bits
1, 2
ƒ
Parity
None, Odd, Even, Mark, Space
ƒ
Baud Rate
50 bps ~ 921.6 kbps
ƒ
Data Signals
RS-232: TxD, RxD, GND
RS-422: TxD+, TxD-, RxD+, RxD-, GND
RS-485: Data+, Data-, GND
ƒ
• Protection
15 KV ESD protection for all signals
Software
ƒ
OS Support
32-bit/64-bit Windows XP/Vista/7/8, Windows Server
2003/2008/2008 R2/2012, Windows CE 5.0, and Linux
ƒ
Utility Software
Advantech EKI Device Configuration Utility
ƒ
Operation Mode
Modbus/RTU master/slave mode,
Modbus/ASCII master/slave mode
Mechanics
ƒ
Dimensions (H x W x D) 70 x 130 x 30 mm
ƒ
Enclosure
ABS+PC with solid mounting hardware
ƒ
Mounting
DIN-rail, stack, wall
RoHS
COMPLIANT
2011/65/EU
ƒ Supports 10/100 Mbps communication speeds
ƒ Allows up to 8 clients to access field data simultaneously
ƒ Supports popular HMI software with Modbus/TCP driver or OPC server
ƒ Up to 3 Independent serial ports capacity if configured to RS-485 serial mode
ƒ Provides auto-searching device ID Windows utility
ƒ Surge protection for RS-485 and power line
ƒ Automatic RS-485 data flow control
ƒ Easy mounting on DIN-rail or panel
ƒ Supports Modbus/ASCII, RTU Protocol to control devices
General
ƒ
Certifications
CE, FCC Part 15 Subpart B (Class A)
ƒ
LED Indicators
System: Power, System Status
LAN: Speed, Link/Active
Serial: Tx, Rx
Power Requirement
ƒ
Power Input
10 ~ 30 VDC
ƒ
Power Consumption
2.5W
Environment
ƒ
Operating Temperature -10 ~ 60°C (14 ~ 140°F)
ƒ
Storing Temperature
-20 ~ 80° C (-4 ~ 176° F)
ƒ
Operating Humidity
5 ~ 95% RH
Ordering Information
ƒ
ADAM-4572
1-port Modbus Gateway
Last updated : 8-Oct-2014


Similar Part No. - ADAM-4572-CE.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4572-CE ADVANTECH-ADAM-4572-CE Datasheet
298Kb / 2P
1-port Modbus Gateway
15-Aug-2023
More results

Similar Description - ADAM-4572-CE.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
1-port Modbus Gateway
EKI-1221 ADVANTECH-EKI-1221 Datasheet
561Kb / 1P
1-port Modbus Gateway
EKI-1224 ADVANTECH-EKI-1224 Datasheet
241Kb / 1P
4-port Modbus Gateway
EKI-1221 ADVANTECH-EKI-1221_15 Datasheet
428Kb / 2P
1-port Modbus Gateway
logo
List of Unclassifed Man...
MB5404D-X ETC2-MB5404D-X Datasheet
1Mb / 4P
8/16-port Modbus Gateway
logo
D+H Mechatronic AG
ACN-GW501-MRTU-0200 DH-ACN-GW501-MRTU-0200 Datasheet
476Kb / 2P
Modbus gateway
logo
Advantech Co., Ltd.
EKI-1211 ADVANTECH-EKI-1211 Datasheet
457Kb / 2P
1-Port RS-232/422/485 Modbus Gateway
19-Aug-2022
EKI-1221I-MT ADVANTECH-EKI-1221I-MT Datasheet
470Kb / 2P
1-port Modbus Gateway with Fiber and WT
27-Feb-2020
EKI-1228 ADVANTECH-EKI-1228 Datasheet
459Kb / 2P
8-port Modbus Gateway
8-Jun-2022
EKI-1221R ADVANTECH-EKI-1221R Datasheet
572Kb / 2P
1-port Modbus Gateway/Router
17-Mar-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com