Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-422TTL. Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # BB-422TTL.
Description  TTL to RS-422 Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-422TTL. Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  BB-422TTL. Datasheet HTML 1Page - Advantech Co., Ltd. BB-422TTL. Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Advantech B+B SmartWorx, 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA
(800)346-3119/Toll Free | orders@advantech-bb.com | support@advantech-bb.com
SPECIFICATIONS
SERIAL TECHNOLOGY
Data Rate
115.2 kbps maximum
RS-422
Connector DB25 female
Signals
(EIA-530 pinout)
TDA(-), TDB(+), RDA(-), RDB(+), RTS A(-), RTS B(+),
CTS A(-), CTS B(+)
TTL
Connector DB25 male
Signals TD, RD, RTS, CTS
VDC Level
5 V
POLARITY (VOLTS)
TTL Input
V(A) - V(B)
High Negative
Low Positive
TTL Output
RS-422 / EIA-530 Input
High Negative
Low Positive
POWER
Source
External (2.5 mm positive tip) (sold separately)
Input Voltage
12 VDC (<100 mA)
Output Voltage
(transceiver)
Logic: -0.5V to (VCC+0.5V), max.
MECHANICAL
Dimensions
5.4 x 5.1 x 1.6 cm (2.1 x 2.02 x 0.62 in)
MEANTIME BETWEEN FAILURES (MTBF)
MTBF
1539882 hours
MTBF Calc. Method
MIL 217F Parts Count Reliability Prediction
ENVIRONMENTAL
Operating
Temperature
0 to +70 °C (+32 to +158 °F)
Storage Temperature -40 to +85 °C (-40 to +185 °F)
REGULATORY / APPROVALS / CERTIFICATIONS
FCC Part 15
CE - Directives
2014/30/EU – Electromagnetic Compatibility (EMC)
2011/65/EU – Amended by (EU) 2015/863 Reduction of
Hazardous Substances (RoHS)
2012/19/EU – Waste Electrical and Electronic Equipment (WEEE)
CE - Standards
EN 55032: Class B – Electromagnetic Compatibility of Multimedia
Equipment – Emission requirements
EN 55024 – Information Technology Equipment – Immunity
Characteristics – Limits and Methods of Measurement
TTL to RS-422 Converter
Model BB-422TTL
SCHEMATIC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com