Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STYN255 Datasheet(PDF) 2 Page - SEMPO ELECTRONIC Limited

Part # STYN255
Description  Discrete Thyristors(SCRs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMPO [SEMPO ELECTRONIC Limited]
Direct Link  
Logo SEMPO - SEMPO ELECTRONIC Limited

STYN255 Datasheet(HTML) 2 Page - SEMPO ELECTRONIC Limited

  STYN255 Datasheet HTML 1Page - SEMPO ELECTRONIC Limited STYN255 Datasheet HTML 2Page - SEMPO ELECTRONIC Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STYN255 thru STYN855
Discrete Thyristors(SCRs)
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
THERMAL RESISTANCES
Symbol
Test Conditions
TYNx08(S)
Unit
IGT
VD = 12 V
RL = 33 W
MIN.
8
mA
MAX.
80
VGT
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kW
Tj = 125°C
MIN.
0.2
V
IH
IT = 500mA
Gate open
MAX.
150
mA
IL
IG = 1.2 IGT
MAX.
200
mA
dV/dt
VD = 67 % VDRM
Gate open
Tj = 125°C
MIN.
1000
V/µs
VTM
ITM = 100 A tp = 380 µs
Tj = 25°C
MAX.
1.9
V
Vt0
Threshold voltage
Tj = 125° C
MAX.
1.0
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
8.5
mW
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
10
µA
Tj = 125°C
5
mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
0.9
°C/W
Rth(j-a)
Junction to ambient (DC)
50
°C/W
S= copper surface under tab
PRODUCT SELECTOR
Part Number
Voltage (xxx)
Sensitivity
Package
200~~800
STYN x55
80 mA
TO-247AD
OTHER INFORMATION
Note: x = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
4.5 g
120
B ulk
STYN x55
STYN x55
.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com