Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2301DI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP2301DI
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2301DI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP2301DI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2301DI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2301DI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2301DI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2301DI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2301DI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2301DI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP2301DI
-20V P-Channel Enhancement Mode MOSFET
AP2301DI REV1.0
永源微電子科技有限公司
Description
The AP2301DI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -20V ID =-2.1A
RDS(ON) < 150mΩ @ VGS=-4.5V (Type:118mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP2301DI
SOT23L
2301D
3000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±12
V
ID@TA=25
℃
Continuous Drain Current, VGS @ -4.5V1
-2.1
A
ID@TA=70
℃
Continuous Drain Current, VGS @ -4.5V1
-0.8
A
IDM
Pulsed Drain Current2
-7.2
A
PD@TA=25
℃
Total Power Dissipation3
1.0
W
PD@TA=70
℃
Total Power Dissipation3
0.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
125
℃/W
RθJC
Thermal resistance, junction-case
32
℃/W


Similar Part No. - AP2301DI

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2301D BCDSEMI-AP2301D Datasheet
160Kb / 12P
1.5A DDR TERMINATION REGULATOR
AP2301D-E1 BCDSEMI-AP2301D-E1 Datasheet
160Kb / 12P
1.5A DDR TERMINATION REGULATOR
AP2301DTR BCDSEMI-AP2301DTR Datasheet
160Kb / 12P
1.5A DDR TERMINATION REGULATOR
AP2301DTR-E1 BCDSEMI-AP2301DTR-E1 Datasheet
160Kb / 12P
1.5A DDR TERMINATION REGULATOR
More results

Similar Description - AP2301DI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com