Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2303AI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP2303AI
Description  -17V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2303AI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP2303AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2303AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2303AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2303AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2303AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2303AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2303AI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP2303AI
-17V P-Channel Enhancement Mode MOSFET
AP2303AI REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V,ID= -250μA
-17
-20
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = -20V, VGS = 0V,
-
-
-1
μA
IGSS
Gate to Body Leakage Current
VDS =0V, VGS = ±12V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= -250μA
-0.4
-0.7
-1.0
V
RDS(on)
Static Drain-Source on-Resistance
VGS =-4.5V, ID =-2.5A
-
85
120
mΩ
VGS =-2.5V, ID =-1.5A
-
110
154
Ciss
Input Capacitance
VDS = -10V, VGS = 0V, f =
1.0MHz
-
248
-
pF
Coss
Output Capacitance
-
42
-
pF
Crss
Reverse Transfer Capacitance
-
31
-
pF
Qg
Total Gate Charge
VDS = -10V, ID = -2.5A,
VGS = -4.5V
-
2.9
-
nC
Qgs
Gate-Source Charge
-
0.45
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
0.75
-
nC
td(on)
Turn-on Delay Time
VDD = -10V, RL=5Ω,
RGEN=3Ω,VGS=-4.5V,
-
9.8
-
ns
tr
Turn-on Rise Time
-
4.9
-
ns
td(off)
Turn-off Delay Time
-
20.5
-
ns
tf
Turn-off Fall Time
-
7
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
-2.5
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
-10
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS = -2.5A
-
-
-1.2
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width △ 300us , duty cycle △ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com