Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2304AI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP2304AI
Description  20V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2304AI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP2304AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2304AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2304AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2304AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2304AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2304AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2304AI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP2304AI
20V N-Channel Enhancement Mode MOSFET
AP2304AI REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID = 250µA, VGS = 0V
20
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 20V, VGS = 0V
-
-
1.0
µA
IGSS
Gate-Body Leakage Current
VDS = 0V, VGS = ±12V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
0.5
0.75
1.0
V
RDS(ON)
Static Drain-Source ON-Resistance(3)
VGS = 4.5V, ID = 4A
-
19
25
mΩ
VGS = 2.5V, ID = 3A
-
23
35
mΩ
Ciss
Input Capacitance
VGS=0V, VDS=10V
f=1MHz
-
455
-
pF
Coss
Output Capacitance
-
64
-
pF
Crss
Reverse Transfer Capacitance
-
55
-
pF
Qg
Total Gate Charge
VGS=0 to 4.5V VDD=10V
ID=2A
-
6
-
nC
Qgs
Gate Source Charge
-
1
-
nC
Qgd
Gate Drain("Miller") Charge
-
1.5
-
nC
td(on)
Turn-On DelayTime
VGS = 4.5V, VDD = 10V
ID= 2A, RGEN = 3Ω
-
4
-
ns
tr
Turn-On Rise Time
-
13
-
ns
td(off)
Turn-Off DelayTime
-
65
-
ns
tf
Turn-Off Fall Time
-
33
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
4
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
16
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS = 4A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
IF = 2A, di/dt = 60A/us
-
6
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
0.8
-
nC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com