Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W400T Datasheet(PDF) 18 Page - STMicroelectronics

Part # M29W400T
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400T Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M29W400T Datasheet HTML 14Page - STMicroelectronics M29W400T Datasheet HTML 15Page - STMicroelectronics M29W400T Datasheet HTML 16Page - STMicroelectronics M29W400T Datasheet HTML 17Page - STMicroelectronics M29W400T Datasheet HTML 18Page - STMicroelectronics M29W400T Datasheet HTML 19Page - STMicroelectronics M29W400T Datasheet HTML 20Page - STMicroelectronics M29W400T Datasheet HTML 21Page - STMicroelectronics M29W400T Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Symbol
Alt
Parameter
M29W400T / M29W400B
Unit
-120
-150
VCC = 2.7V to 3.6V
VCC = 2.7V to 3.6V
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
120
150
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
0
ns
tWLWH
tWP
Write Enable Low to Write Enable High
50
65
ns
tDVWH
tDS
Input Valid to Write Enable High
50
65
ns
tWHDX
tDH
Write Enable High to Input Transition
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
0
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
30
35
ns
tAVWL
tAS
Address Valid to Write Enable Low
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
50
65
ns
tGHWL
Output Enable High to Write Enable Low
0
0
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
50
50
µs
tWHGL
tOEH
Write Enable High to Output Enable Low
0
0
ns
tPHPHH
(1,2)
tVIDR RP Rise Time to VID
500
500
ns
tPLPX
tRP
RP Pulse Width
500
500
ns
tWHRL
(1)
tBUSY Program Erase Valid to RB Delay
90
90
ns
tPHWL
(1)
tRSP
RP High to Write Enable Low
4
4
µs
Notes: 1. Sample only, not 100% tested.
2. This timing is for Temporary Block Unprotection operation.
Table 15B. Write AC Characteristics, Write Enable Controlled
(TA = 0 to 70
°C, –20 to 85°C or –40 to 85°C)
Block Erase (BE) Instruction. This instruction
uses a minimum of six write cycles. The Erase
Set-up command 80h is written to address AAAAh
in the Byte-wide configuration or address 5555h in
the Word-wide configurationon third cycle after the
two Coded cycles. The Block Erase Confirm com-
mand 30h is similarly written on the sixth cycle after
another two Coded cycles. During the input of the
second command an address within the blockto be
erased is given and latched into the memory. Addi-
tional block Erase Confirm commands and block
addresses can be written subsequently to erase
other blocks in parallel, without further Coded cy-
cles. The erase will start after the erase timeout
period (see Erase Timer Bit DQ3 description).
Thus, additional Erase Confirm commands for
other blocks must be given within this delay. The
input of a new Erase Confirm command will restart
the timeout period. The status of the internal timer
can be monitored through the level of DQ3, if DQ3
is ’0’ the Block Erase Command has been given
and the timeout is running, if DQ3 is ’1’, the timeout
has expired and the P/E.C. is erasing the Block(s).
If the second command given is not an erase
confirm or if the Coded cycles are wrong, the
instruction aborts, and the device is reset to Read
Array. It is not necessary to program the block with
00h as the P/E.C. will do this automatically before
to erasing to FFh. Read operations after the sixth
rising edge of W or E output the status register
status bits.
18/34
M29W400T, M29W400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com