Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STYN830 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STYN830
Description  Discrete Thyristors(SCRs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STYN830 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STYN830 Datasheet HTML 1Page - List of Unclassifed Manufacturers STYN830 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STYN230 thru STYN830
Discrete SCRs (Thyristors)
Symbol
Test Conditions
Characteristic Values
Unit
V
VT
IT=20A; TVJ=25
oC
1.6
VTO
For power-loss calculations only (TVJ=125
oC)
0.85
V
rT
27
m
VD=6V;
TVJ=25
oC
TVJ=-40
oC
VGT
1.5
2.5
V
VD=6V;
TVJ=25
oC
TVJ=-40
oC
IGT
25
50
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
3
mA
IH
TVJ=25
oC; VD=6V; RGK=
50
mA
TVJ=25
oC; tp=10us;
IG=0.1A; diG/dt=0.1A/us
75
mA
IL
DC current
RthJC
1.0
K/W
DC current
RthJH
0.25
K/W
a
Max. acceleration, 50 Hz
50
m/s
2
IR, ID
TVJ=TVJM; VR=VRRM; VD=VDRM
5
mA
TVJ=25
oC; VD=1/2VDRM
IG=0.1A; diG/dt=0.1A/us
tgd
2
us
typ.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com