Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W400B Datasheet(PDF) 29 Page - STMicroelectronics

Part # M29W400B
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400B Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M29W400B Datasheet HTML 25Page - STMicroelectronics M29W400B Datasheet HTML 26Page - STMicroelectronics M29W400B Datasheet HTML 27Page - STMicroelectronics M29W400B Datasheet HTML 28Page - STMicroelectronics M29W400B Datasheet HTML 29Page - STMicroelectronics M29W400B Datasheet HTML 30Page - STMicroelectronics M29W400B Datasheet HTML 31Page - STMicroelectronics M29W400B Datasheet HTML 32Page - STMicroelectronics M29W400B Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
ORDERING INFORMATION SCHEME
M29W400T and M29W400B are replaced respectively by the new version M29W400BT and
M29W400BB
Devices are shipped from the factory with the memory content erased (to FFh).
For a list of available options(Speed, Package, etc...) or for further information on any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
Operating Voltage
W
2.7V to 3.6V
Array Matrix
T
Top Boot
B
Bottom Boot
Speed
-90
90ns
-100 100ns
-120 120ns
-150 150ns
Package
N
TSOP48
12 x 20mm
M
SO44
ZA
FBGA48
0.8mm ball pitch
Option
R
Reverse
Pinout
TR
Tape & Reel
Packing
Temp. Range
1
0 to 70
°C
5
–20 to 85
°C
6
–40 to 85
°C
Example:
M29W400T
-90
N
1
TR
29/34
M29W400T, M29W400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com