Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4993MD Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4993MD
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993MD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4993MD Datasheet HTML 9Page - STMicroelectronics L4993MD Datasheet HTML 10Page - STMicroelectronics L4993MD Datasheet HTML 11Page - STMicroelectronics L4993MD Datasheet HTML 12Page - STMicroelectronics L4993MD Datasheet HTML 13Page - STMicroelectronics L4993MD Datasheet HTML 14Page - STMicroelectronics L4993MD Datasheet HTML 15Page - STMicroelectronics L4993MD Datasheet HTML 16Page - STMicroelectronics L4993MD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
L4993
Electrical specifications
13/30
Figure 15.
Vrlth vs. Tj
Figure 16. Vwhth vs. Tj
Figure 17.
Vwlth vs. Tj
Figure 18.
Icr & Icwc vs. Tj
Figure 19.
Idr & Icwd vs. Tj
Figure 20.
Twop vs. Tj
-50
-25
0
25
50
75
100
125
150
Tj(°C )
0
10
20
30
40
50
Vrlth (% Vo_ref)
Vs= 5.6V to 31V
-50
-25
0
25
50
75
100
125
150
Tj(°C )
30
35
40
45
50
55
60
Vwhth (% Vo_ref )
Vs= 5.6V to 31V
-50
-25
0
25
50
75
100
125
150
Tj(°C )
0
10
20
30
40
50
Vwlth (% Vo_ref)
Vs= 5.6V to 31V
-50
-25
0
25
50
75
100
125
150
Tj(°C )
0
5
10
15
20
25
30
Icr & Icwc (µA)
Vs= 5.6V to 31V
Icr
Icwc
-50
-25
0
25
50
75
100
125
150
Tj(°C )
0
5
10
15
20
25
30
Idr & Icwd (µA)
Vs= 5.6V to 31V
Idr
Icwd
-50
-25
0
25
50
75
100
125
150
Tj(°C )
20
30
40
50
60
70
80
Twop (ms)
Vs= 5.6V to 31V
Ctw= 47nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com