Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4993DTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L4993DTR
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993DTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L4993DTR Datasheet HTML 22Page - STMicroelectronics L4993DTR Datasheet HTML 23Page - STMicroelectronics L4993DTR Datasheet HTML 24Page - STMicroelectronics L4993DTR Datasheet HTML 25Page - STMicroelectronics L4993DTR Datasheet HTML 26Page - STMicroelectronics L4993DTR Datasheet HTML 27Page - STMicroelectronics L4993DTR Datasheet HTML 28Page - STMicroelectronics L4993DTR Datasheet HTML 29Page - STMicroelectronics L4993DTR Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
L4993
Revision history
29/30
6
Revision history
Table 13.
Document revision history
Date
Revision
Changes
June-2004
1
Initial release.
18-Jan-2007
2
Updated Table 5., 6, 7 and 8.
01-Jun-2007
3
Document put in corporate technical literature template.
Updated Table 4.
22-Aug-2007
4
Table 5: General: updated Ishort, Ilim, Iq, Trr2, Vih_hist parameters.
29-Aug-2007
5
Added list of tables and figures.
Added Section 4: Package and PCB thermal data.
08-Apr-2008
6
Document restructured.
Changed Figure 1: Block diagram.
Updated Table 5: General:
– changed Ishort max value from 4000 mA to 400 mA
– changed Iqn_150 typ. value from 1.45 mA to 1.25 mA
– changed Iqn_50 typ. value from 538 µA to 470 µA
– changed Iqn_1 typ. value from 120 µA to 100 µA.
Updated Table 6: Reset:
– corrected trd formula.
Updated Table 7: Watchdog:
– changed Vwlth values in Vo_ref percentages
– changed Vwhth values in Vo_ref percentages.
Added Figure 24: L4993 application schematic.
Added Section 2.4: Electrical characteristics curves.
Added Section 2.5: Test circuit and waveforms plot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com