Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7340 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7340
Description  AUTO SHUT-OFF AC POWER SWITCH WITH PROGRAMMABLE TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7340 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7340 Datasheet HTML 1Page - LSI Computer Systems LS7340 Datasheet HTML 2Page - LSI Computer Systems LS7340 Datasheet HTML 3Page - LSI Computer Systems LS7340 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AUTO SHUT-OFF AC POWER SWITCH
WITH PROGRAMMABLE TIMER
FEATURES:
• Phase-Lock Loop Synchronization allows use in
Wall Switch Applications.
• PLL accuracy delivers Pure AC Power.
• Timer programmable with external R-C.
• ON input switches AC Power On and starts Timer.
• OFF input switches AC Power Off.
• 50/60Hz Line Frequency.
• +12V to +18V Operation (VSS - VDD).
• LS7339, LS7340 (DIP); LS7339-S, LS7340-S - See Figure 1
APPLICATIONS:
• AUTO SHUT-OFF TIMER for appliances such as coffee pots,
curling irons, hair curlers, electric blankets, hand dryers.
• TIMED-ON WALL SWITCH for incandescent lighting and
heat lamps.
DESCRIPTION:
The LS7339 and LS7340 are MOS integrated circuits designed to turn
a triac On and Off in a Power Switch for AC loads. Activation of the
ON input will always turn the triac On and start a Timer. The triac re-
mains On for the duration of the Timer which is controlled by an ex-
ternal R-C connected to the OSCILLATOR input. Activation of the
OFF input will always turn the triac Off. The two ICs differ only in the
width of the TRIG pulse used to trigger the triac.
(See I/O Description, Pin 4.)
In a typical application (Figure 5), the output of the LS7339 drives the
gate of a triac in series with the load. Because the LS7339 is ac-
curately synchronized to the line frequency with a phase-lock loop, the
power delivered by the triac to the load is pure AC, allowing use with
inductive loads such as motors and transformers.
There are two states through which the LS7339 can be stepped. The
states and their corresponding operating modes, phase angles, and
delivered power levels are shown in Table 1.
TABLE 1
(See Figures 2 and 3)
STATE 0
STATE 1
OPERATING MODE
OFF
Timed-On
PHASE ANGLE, ø
No Output
159˚
% LOAD POWER (1)
0
99
(1) The percentage of full power delivered to a resistive load
by the triac switch.
If left in STATE 1, after a time-out period determined by the
frequency set at the OSC input (See I/O Description, Pin 6),
the circuit automatically steps to STATE 0. If the ON input tran-
sitions to logic 0 before completion of the time-out period in
STATE 1, the Timer is restarted, beginning a new time-out
January 2003
7339-012703-1
1
2
3
4
5
6
7
8
PIN ASSIGNMENT - TOP VIEW
FIGURE 1
ON
OFF
VDD (-V)
TRIG
V SS (+V)
SYNC
CAP
OSC
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7339-7340
UL
®
A3800
OPERATING DESCRIPTION:
Upon power up, internal power-on-reset starts the LS7339 in STATE 0.
When the ON input transitions to logic 0, the circuit steps to STATE 1.
When the OFF input transitions to logic 0, the circuit steps to STATE 0.
When implemented as shown in the application example (Figure 5),
this is accomplished by the momentary switching of the appropriate in-
put to VDD through S1. STATE 1 is a quasi-stable state.
INPUT/OUTPUT DESCRIPTION:
ON (Pin 1) - See NOTE 1
A logic 0 applied to this input for a minimum of three SYNC cy-
cles, TS1 (50ms for 60Hz, 60ms for 50Hz), turns TRIG On and
starts a Timer. Upon completion of the Time-out, TD1, TRIG
turns Off. While the Time-out is in progress a new transition to
logic 0 at this input for a minimum of three SYNC Cycles, TS1,
restarts the Timer. This input is designed for Touch or Switch
control. (See Figure 5.)
OFF (Pin 2) - See NOTE 2
A logic 0 applied to this input for a minimum of three SYNC cy-
cles, TS1, turns TRIG Off. This input is designed for Switch con-
trol only. (See Figure 5.)
VDD (Pin 3)
Supply voltage negative terminal.
TRIG (Pin 4)
TRIG is a negative going pulse occurring once every half cycle
of the SYNC input. Pulse width is 1ms (LS7339) or 33µs
(LS7340). The LS7339 wide pulse width may be required for in-
ductive loads. The LS7340 narrow pulse width allows use of a
smaller value of C2 power supply capacitor. (See Figure 5.)
VSS (Pin 5)
Supply voltage positive terminal.
OSC (Pin 6)
An R-C network connected to this input controls the frequency
of oscillation which determines the Time-out, TD1, in State 1. TD1
is approximately 255RC. The Oscillator is active only in State 1.
Chip to chip Oscillation Tolerance is ±10% for fixed value of RC.
Tie Pin 6 to VSS if a Time-out is not desired. (See Figure 5.)


Similar Part No. - LS7340

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7340 LSI-LS7340 Datasheet
54Kb / 5P
AUTO SHUT-OFF AC POWER SWITCH WITH PROGRAMMABLE TIMER
More results

Similar Description - LS7340

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7338 LSI-LS7338 Datasheet
45Kb / 5P
DELAYED-OFF LIGHT SWITCH WITH PROGRAMMABLE ON-TIMER
LS7339 LSI-LS7339 Datasheet
54Kb / 5P
AUTO SHUT-OFF AC POWER SWITCH WITH PROGRAMMABLE TIMER
logo
Festo Corporation.
541258 FESTO-541258 Datasheet
83Kb / 1P
Shut off valve
3/25/22
541268 FESTO-541268 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541269 FESTO-541269 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541270 FESTO-541270 Datasheet
85Kb / 1P
Shut off valve
3/25/22
541272 FESTO-541272 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541276 FESTO-541276 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541283 FESTO-541283 Datasheet
83Kb / 1P
Shut off valve
3/25/22
542583 FESTO-542583 Datasheet
86Kb / 2P
Shut off valve
3/27/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com