Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640ECB10ZB1T Datasheet(PDF) 54 Page - STMicroelectronics

Part # M28W640ECB10ZB1T
Description  64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640ECB10ZB1T Datasheet(HTML) 54 Page - STMicroelectronics

Back Button M28W640ECB10ZB1T Datasheet HTML 47Page - STMicroelectronics M28W640ECB10ZB1T Datasheet HTML 48Page - STMicroelectronics M28W640ECB10ZB1T Datasheet HTML 49Page - STMicroelectronics M28W640ECB10ZB1T Datasheet HTML 50Page - STMicroelectronics M28W640ECB10ZB1T Datasheet HTML 51Page - STMicroelectronics M28W640ECB10ZB1T Datasheet HTML 52Page - STMicroelectronics M28W640ECB10ZB1T Datasheet HTML 53Page - STMicroelectronics M28W640ECB10ZB1T Datasheet HTML 54Page - STMicroelectronics M28W640ECB10ZB1T Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
M28W640ECT, M28W640ECB
54/55
REVISION HISTORY
Table 34. Document Revision History
Date
Version
Revision Details
17-Jun-2002
-01
First Issue
03-Oct-2002
1.1
Revision numbering modified: a minor revision will be indicated by incrementing the
digit after the dot, and a major revision, by incrementing the digit before the dot
(revision version 01 equals 1.0).
Document Revision History moved to end of document.
Minimum VDDQ voltage changed from 2.7V to 1.65V. Note removed from Figure 6,
Protection Register Memory Map. Note removed from Table 7, Read Protection
Register and Lock Register, and DQ2 value changed.
“Double Word Program Command” and “Quadruple Word Program Command”
paragraphs clarified.
Part numbers corrected in Figures 2, 3 and 5.
29-Apr-2003
1.2
Lead-Free Package options added (see Table 22, Ordering Information Scheme and
Table 23, Daisy Chain Ordering Scheme.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com