Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHVC200-4081-S8-1012-R1 Datasheet(PDF) 2 Page - Solid State Supplies.

Part # DHVC200-4081-S8-1012-R1
Description  HVDC Contactor 500A / 1000VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DHVC200-4081-S8-1012-R1 Datasheet(HTML) 2 Page - Solid State Supplies.

  DHVC200-4081-S8-1012-R1 Datasheet HTML 1Page - Solid State Supplies. DHVC200-4081-S8-1012-R1 Datasheet HTML 2Page - Solid State Supplies. DHVC200-4081-S8-1012-R1 Datasheet HTML 3Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DHVC200 Series
HVDC Contactor 500A / 1000VDC
2
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DHVC200 03 Sep 25KS
Coil Data (with PWM economiser)
Table 1.
Coil code
Nominal voltage
(V DC) Us
Coil operating
range
(V DC)
Must operate
voltage max.
(V DC)
Must release
voltage
(V DC)
Starting current
(A)
Maintain (hold)
current
(A)
1236
9 ~ 36
9 ~ 36
8 ~ 9
5.5 ~ 7.0
3.8
0.18 @ 12V
0.09 @ 24V
3295
32 ~ 95
32 ~ 95
31 ~ 32
18.0 ~ 20.0
1.4
0.03 @ 48V
PWM Coil economiser: no additional coil surge suppression required. Coil terminals are polarized. DHVC200 with coil code type 3295 is not UL approved.
Coil Data (no PWM economiser)
Table 2.
Coil code
Nominal voltage
(V DC) Us
Coil operatingrange
(V DC)
Must operate voltage
(V DC)
Must release voltage
(V DC)
Coil power
(W)
1012
12
10.2 ~ 14.4
≤ 9.0
≥1.0
12 ~15
1024
24
20.4 ~ 28.8
≤ 18.0
≥ 2.0
12 ~15
1048
48
40.8 ~ 57.6
≤ 36.0
≥ 4.0
12 ~15
Only available with polarized power terminals - contact codes “61” & “71”. DHVC200 types without economiser are not UL approved.
Electrical performance
Fig. 1.
Electrical life: Resistive load, polarized types only
Electrical Life: Resistive load, non-polarized types only
Connection Diagram
Fig. 2.
Optional Mini-fit Connector
Fig. 3.
Connector for coil & auxilary contact (x2)
1 = Coil lead terminal +ve (red)
2 = Coil lead terminal -ve (black)
Auxilary contact leads = white
Fitted socket type: SM-2A-HW
Fitted terminal type: SMY-HW
NB: Contact codes 81
& 91
Power terminals are not
polarised
Dimensions in mm
100000
10000
1000
100
10
1
100000
10000
1000
100
10
10
100
1000
10000
200
1
10
100
200
1000
10000
Load current (A)
Load current (A)
Break only
above 650A
Break only
above 650A
650
650
Recommended conductor size of 95mm2 and terminal temperature rise maximum in accordance with ISO (EN) 60947.1 70⁰C.
Carry current is highly dependent upon conductor size. With 95mm2: 200A continuous, 300A 60m, 400A 20m, 800A 30s, 2000A 0.6s
Life estimates are based on tests and extrapolated data.
The user is advised to confirm the performance in their application.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com