Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLVC400-4061-S8-1012-R3 Datasheet(PDF) 1 Page - Solid State Supplies.

Part # DLVC400-4061-S8-1012-R3
Description  DC Contactor 400A / 120VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DLVC400-4061-S8-1012-R3 Datasheet(HTML) 1 Page - Solid State Supplies.

  DLVC400-4061-S8-1012-R3 Datasheet HTML 1Page - Solid State Supplies. DLVC400-4061-S8-1012-R3 Datasheet HTML 2Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DLVC400 Series
DC Contactor 400A / 120VDC
1
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DLVC400 20 Oct 25KS
•
400A at 120VDC
•
Max. switching current = 4000A
•
OFC contacts sealed in inert gas
•
Magnet arc blowout
•
IP67 fully sealed design
•
Auxiliary contact option
•
Male or Female power terminals
ü
RoHS
Compliant
Contacts
Ordering Code
Contact arrangement
SPST-NO-DM
Contact material
Oxygen Free Copper ( Cu. C10200)
D L V C 4 0 0 - 4 0 6 1 - S 8 - 1 0 1 2 - R 1
Max. switching voltage
DC 120VDC (DLVC400M)
Rated load (resistive, cos φ=1)
DC1 400A 80VDC
Series
Coil code:
Max continuous thermal current
DC1 400A, 500A with 300mm2, or larger, conductors
DLVC400: standard
See table 1
30s 600A
DLVC400M: 120VDC with
Terminal temperature rise above ambient
<70°C. IEC EN60947 GB14/14048.4
magnet arc blowout
Max switching current
1 time only 4000A @ 48VDC
Contact voltage drop
max. 160mV @ 400A
Contact material
Auxiliary contact (when fitted)
arrangement SPST-NO (1 Form A)
40: Cu. C10200
max. current 2A @ 24VDC / 3A @ 125VAC
min. current 100mA @ 8V
Contact arrangement
Coil
61: SPST-NO
Nominal voltage
DC 12, 24, 48, 60VDC - see Table 1, page 2
71: SPST-NO + Auxiliary
Rated power consumption
hold 12 ~ 13.5W
Insulation
Mounting & terminations
Insulation resistance
initial 100MΩ (Min.) @500VDC
Bottom mount
life end 50MΩ (Min.)
B8: M8 male stud power terminals
Dielectric strength
coil to contact 2200Vrms / <1mA / 1 min (at sea level)
B9: M8 female power terminals
contact to contact 2200Vrms / <1mA / 1 min (at sea level)
Side mount
General Data
S8: M8 male stud power terminals
Operating time at 20°C
max. 40ms
S9: M8 female power terminals
Release time at 20°C
max. 10ms
Bounce time at 20°C
max. 5ms
Coil wire & auxiliary wire (when fitted) length
Electrical life
9,000 operations @ 60VDC (see Fig. 1)
R: 390mm
Mechanical life
3 x 105
T: 150mm
Environmental
Environmental protection
IP67
Coil wire & auxiliary contact termination
Ambient temperature
operating -40 to +85°C
1: None (bare ends)
Relative humidity
20 to 90%RH
3: Mini-fit female (see Fig. 3)
Shock resistance
20G peak, 11ms 1/2 sine
Vibration resistance
20G sine peak (80 to 2000Hz)
Dimensions
L x W x H 59.6 x 58.2 x 93.8mm (approx.) - see Fig. 4.
Weight
650g


Similar Part No. - DLVC400-4061-S8-1012-R3

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
Dual Output Mixed Voltage, DLV Models
DLV-3.3/6-1.5/7-D12 MURATA-PS-DLV-3.3/6-1.5/7-D12 Datasheet
187Kb / 6P
Dual Output Mixed Voltage, DLV Models
DLV-3.3/6-1.5/7-D24 MURATA-PS-DLV-3.3/6-1.5/7-D24 Datasheet
187Kb / 6P
Dual Output Mixed Voltage, DLV Models
DLV-3.3/6-1.5/7-D48 MURATA-PS-DLV-3.3/6-1.5/7-D48 Datasheet
187Kb / 6P
Dual Output Mixed Voltage, DLV Models
DLV-3.3/6-1.8/7-D12 MURATA-PS-DLV-3.3/6-1.8/7-D12 Datasheet
187Kb / 6P
Dual Output Mixed Voltage, DLV Models
More results

Similar Description - DLVC400-4061-S8-1012-R3

ManufacturerPart #DatasheetDescription
logo
Zhejiang DongYa Electro...
BZJ-50D DONGYA-BZJ-50D Datasheet
175Kb / 1P
DC Contactor
ZLJ-200A DONGYA-ZLJ-200A Datasheet
233Kb / 1P
DC Contactor
ZLJ-600A DONGYA-ZLJ-600A Datasheet
206Kb / 1P
DC Contactor
ZLJM-50A DONGYA-ZLJM-50A Datasheet
98Kb / 3P
DC Contactor
ZLJM-80D DONGYA-ZLJM-80D Datasheet
292Kb / 1P
DC Contactor
ZLJM-100A DONGYA-ZLJM-100A Datasheet
179Kb / 1P
DC Contactor
ZLJM-200D DONGYA-ZLJM-200D Datasheet
60Kb / 2P
DC Contactor
ZLJM-300D DONGYA-ZLJM-300D Datasheet
241Kb / 1P
DC Contactor
ZLJM-400A DONGYA-ZLJM-400A Datasheet
251Kb / 1P
DC Contactor
ZLJM-800D DONGYA-ZLJM-800D Datasheet
238Kb / 1P
DC Contactor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com