Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLVC400-4071-S8-1012-R3 Datasheet(PDF) 2 Page - Solid State Supplies.

Part # DLVC400-4071-S8-1012-R3
Description  DC Contactor 400A / 120VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.

DLVC400-4071-S8-1012-R3 Datasheet(HTML) 2 Page - Solid State Supplies.

  DLVC400-4071-S8-1012-R3 Datasheet HTML 1Page - Solid State Supplies. DLVC400-4071-S8-1012-R3 Datasheet HTML 2Page - Solid State Supplies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DLVC400 Series
DC Contactor 400A / 120VDC
2
Specifications are subject to change without notice. E&OE.
See website for contact details: www.durakool.com
DLVC400 20 Oct 25KS
Electrical Performance
Fig. 1
NB:
DLVC400 - Non-polarised power terminals
DLVC400M - Power terminals are polarised
Dimensions
Fig. 4
Coil Data
Table 1
Coil code
Nominal voltage
(VDC) Us
Coil operating
range
(V)
Must operate
voltage max.
VDC)
Must release
voltage min. (VDC)
Coil Resistance
± 10% Ω @ 20°C
1012
12
0.85Us ~ 1.2Us
9
1
11
1024
24
0.85Us ~ 1.2Us
18
2
44
1048
48
0.85Us ~ 1.2Us
36
4
170
1060
60
0.85Us ~ 1.2Us
45
5
275
Other coils available upon special request. MOQ’s will apply.
A1+
Notes:
1: Polarity sensitive type, DLVC400M: Observe contact polarity as indicated. Contactor life will be severely reduced if incorrectly connected.
2: Nominal dimensions in mm.
3: Tolerances (nominal), <10mm: ± 0.3mm, 10 ~ 50mm: ± 0.6mm, >50mm: ± 1.0mm.
4: Power contact (M8) nut torque = 8 ~ 10Nm, Installation/mounting torque = 1.7 ~ 3.5Nm.
5: Coil wire length and terminations can be customised upon request.
6: Coil and auxiliary contact wires: Teflon insulated UL1887 20AWG
7: Main contacts should be connected with cable section of more than 240mm², if used at maximum rated current.
Dimensions in mm
A1+
(DLVC400M)
(DLVC400M)
Electrical Life:
Test Current: 400A
Ambient Temp: 20°C
Test Interval: 5.4s OFF, 0.6s ON
Test Voltage: 48VDC, 60VDC (DLVC400)
Electrical Life: 9000 ops
Test Voltage: 80VDC
Electrical Life: 8000 ops*
Test Voltage: 120VDC (DLVC400M)
Electrical Life: 3000 ops
* Extrapolated data
Connection Diagram
Fig. 2 Mini-Fit Connector
Fig. 3
Optional connector for coil and auxiliary
contact.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com