Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VESP211 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # VESP211
Description  Ultra Compact Ethernet Serial Servers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

VESP211 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  VESP211 Datasheet HTML 1Page - Advantech Co., Ltd. VESP211 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
SPECIFICATIONS
SERIAL TECHNOLOGY
RS-232 (DB9)
TD, RD, DTR, DSR, RTS, CTS, DCD plus Signal Ground
RS-485 2-Wire
Data A(-), Data B(+), GND
RS-422/485 4-Wire
TDA(-), TDB(+), RDA(-), RDB(+), GND
Serial Protocols & Connectors
VESP211:
VESP211-232:
VESP211-485:
RS-232/422/485 (DB9 male)
RS-232 (DB9 male)
RS-422/485 (removable terminal block)
Data Rate
Up to 230.4 Kbps
POWER
Source
Power supply included (w/ international blade kit)
Input Voltage
12V DC
Power Connector Dimensions 5.5 x 2.1 mm
Power Consumption
2.5 Watts Max.
POWER SUPPLY (INCLUDED)
Input Voltage
90 to 264 V AC
Frequency
47 to 63 Hz
Power Consumption
No load; Level VI = 0.1W; ErP Tier 1 = 0.075W
Operating Temperature
0 to +40 °C (+32 to +104 °F)
Storage Temperature
-10 to +70 °C (-14 to +158 °F)
Operating Humidity
20 to 80%
Storage Humidity
10 to 90%
Internation Blade Kit
North America, Europe, U.K., Australia, China, Japan
MECHANICAL
LED Indicators
Serial Port, Ethernet, Ready LED’s
Switches
Reset Button
Dimensions
VESP211 - 7.938 x 5.257 x 2.209 cm
(3.125 x 2.070 x 0.870 in)
Enclosure
Metal, IP30
ENVIRONMENTAL
Operating Temperature
0 to +40 °C (+32 to +104 °F) with included power supply
-40 to +80 °C (-40 to +176 °F) without power supply
Operating Humidity
10 to 95% non-condensing
MTBF Calculation Method
MIL 217 F Parts Count Reliability Prediction
MTBF
VESP211: 1316219 hours
VESP211-232: 1153248 hours
VESP211-485: 1000086 hours
NETWORK
Serial Memory
8 KB per port
Network Memory
4 KB
LAN
10/100 Mbps Auto-detecting, 10BaseT or 100BaseTX
Ethernet
IEEE 802.3 auto detecting & auto MDI/MDI-X, 10BaseT and
100Base TX
PROTOCOLS
Protocols
TCP, IPv4, UDP, ARP, HTTP 1.0, ICMP/PING, DHCP/BOOTP
IP Mode
Static, DHCP
TCP/UDP
UDP
User definable
Unicast or Multicast
OTHER
Connection Mode Server, Client, VCOM, Paired
Client Connection At power up or upon data arrival
Search
Serial direct COM and Ethernet Auto Search or specific IP
Diagnostics
Display PC IP, ping, test VCOM
Firmware Upgrade via Vlinx™ Manager
CONFIGURATION SOFTWARE
Vlinx™ Manager
Windows XP (32/64 bit), 2003 Server (32/64 bit), Vista (32/64 bit),
2008 Server (32/64 bit), 7 (32/64 bit), 8/8.1 (32/64 bit), 10 (32/64 bit)
REGULATORY / CERTIFICATIONS / SAFETY
Compliance
FCC Part 15 Class B
EMC
2004/108/EC, Electromagnetic Compatibility Directive
2011/65/EU, Reduction of Hazardous Substances Directive
EN55022:2010+AC:2011, Information Technology Equipment - Class
B RF Emissions
EN55024:2010, Information Technology Equipment
- Immunity (Light Industrial Environments)
EN61000-4-2:2009, ESD Immunity
EN61000-4-3:2006+A2:2010, Radiated Field Immunity (RFI)
EN61000-4-4:2012, EFT/Burst Immunity
EN61000-4-5:2006, Electrial Surges Immunity
EN61000-4-6:2009, RF Conducted Immunity
UL
UL 60950 File# E353510
5.257 cm
2.070 in
2.209 cm
0.870 in
7.303 cm
2.875 in
8.890 cm
3.500 in
7.938 cm
3.125 in
MECHANICAL DIAGRAM - VESP-211-485-x
Ultra Compact Ethernet
Serial Servers
VESP211 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com