Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

154N-030G-R Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 154N-030G-R
Description  Compensated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

154N-030G-R Datasheet(HTML) 5 Page - TE Connectivity Ltd

  154N-030G-R Datasheet HTML 1Page - TE Connectivity Ltd 154N-030G-R Datasheet HTML 2Page - TE Connectivity Ltd 154N-030G-R Datasheet HTML 3Page - TE Connectivity Ltd 154N-030G-R Datasheet HTML 4Page - TE Connectivity Ltd 154N-030G-R Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
154N
Digital Output Pressure Sensor
TE CONNECTIVITY SENSORS /// 154NC
REVA 10/2021
Page 5
ORDERING INFORMATION
Power Mode/Vent Tube
T
Standard w/Tube
[Blank]
Standard w/o Tube
Pressure Range[psi]
001
(Gage Only)
005
015
030
050
100
300
500
Electrical
P
Solder Pads
R
Ribbon cable
C
Cable W/Connector
Pressure Type
G
Gage
A
Absolute
te.com/sensors
TE Connectivity, TE, TE Connectivity (logo) and Every Connection Counts are trademarks. All other logos, products and/or company names referred to herein might
be trademarks of their respective owners
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However,
TE Connectivity makes no warranties as to its accuracy or completen
ess and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall
only be as set forth in TE Connectivity‘s Standard Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental,
indirect or consequential damages arising out of the sale, resale, use or misuse of the product. Users of TE Connectivity products should make their own evaluation
to determine the suitability of each such product for the specific application.
© 2021 TE Connectivity Corporation. All Rights Reserved.
Version A7 02/2021
CLICK HERE ›
CONNECT WITH A SPECIALIST
NORTH AMERICA
Tel +1 800 522 6752
EUROPE
Tel +31 73 624 6999
ASIA
Tel +86 0400 820 6015
Part Number
154N
– 030 G – C T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com