Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL31FSK Datasheet(PDF) 14 Page - APEM

Part # KL31FSK
Description  Locking power rocker switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

KL31FSK Datasheet(HTML) 14 Page - APEM

Back Button KL31FSK Datasheet HTML 8Page - APEM KL31FSK Datasheet HTML 9Page - APEM KL31FSK Datasheet HTML 10Page - APEM KL31FSK Datasheet HTML 11Page - APEM KL31FSK Datasheet HTML 12Page - APEM KL31FSK Datasheet HTML 13Page - APEM KL31FSK Datasheet HTML 14Page - APEM KL31FSK Datasheet HTML 15Page - APEM KL31FSK Datasheet HTML 16Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Power rocker switches and indicators •
symbols and accessories
K range
MOUNTING PANELS
MOUNTING PANEL MIDDLE
SINGLE MOUNTING PANEL
(1.152)
29.26
(1.043)
26.50
3.80
(.150)
CKRU2261-C
U2261
26.26
(1.034)
(.150)
3.80
26.50
(1.043)
CKRU2262-C
U2262
(.150)
3.80
26.50
(1.043)
32.26
(1.270)
U2267
Recommended panel thickness : 1.10 mm - 1.80 mm - 2.60 mm - 3.40 mm - 4.20 mm - 5 mm - 5.80 mm
MOUNTING PANEL CUT-OUT
51.00 0/+0.20
(2.008 0/+.008)
CKRDE2-C
(3.051 0/+.008)
77.50 0/+0.20
(.984 0/+.008)
25.00 0/+0.20
For 1 element U2267
For 2 elements U2261
For 3 elements (2xU2261 + 1x U2262)
For additional
elements, add
26.40 mm (1.039)
MOUNTING PANEL END
(NOT AVAILABLE FOR USE WITH THE KH SERIES)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com