Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL44FSK Datasheet(PDF) 15 Page - APEM

Part # KL44FSK
Description  Locking power rocker switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

KL44FSK Datasheet(HTML) 15 Page - APEM

Back Button KL44FSK Datasheet HTML 8Page - APEM KL44FSK Datasheet HTML 9Page - APEM KL44FSK Datasheet HTML 10Page - APEM KL44FSK Datasheet HTML 11Page - APEM KL44FSK Datasheet HTML 12Page - APEM KL44FSK Datasheet HTML 13Page - APEM KL44FSK Datasheet HTML 14Page - APEM KL44FSK Datasheet HTML 15Page - APEM KL44FSK Datasheet HTML 16Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Power rocker switches and indicators •
symbols and accessories
K range
22 X 44 ADAPTERS
FRONT PANEL DISMOUNTING
REAR PANEL DISMOUNTING
FICHIER: CKRAD
le 02/02/10
ECHELLE: 0.625
CKRAD-3
(.866 0/+.004)
22.00 0/+0.1
CKRAD-1
(.748)
19.00
3.50
(.138)
(.984)
25.00
CKRAD-2
25.00
(.984)
(.138)
3.50
19.00
(.748)
PANEL CUT-OUT
FICHIER: CKRAD
le 02/02/10
ECHELLE: 0.625
CKRAD-3
(.866 0/+.004)
22.00 0/+0.1
CKRAD-1
(.748)
19.00
3.50
(.138)
(.984)
25.00
CKRAD-2
25.00
(.984)
(.138)
3.50
19.00
(.748)
FICHIER: CKRAD
le 02/02/10
ECHELLE: 0.625
CKRAD-3
(.866 0/+.004)
22.00 0/+0.1
CKRAD-1
(.748)
19.00
3.50
(.138)
(.984)
25.00
CKRAD-2
25.00
(.984)
(.138)
3.50
19.00
(.748)
Recommended panel thickness
U3060 0.60 mm to 1.50 mm
U3070 1.60 mm -0.1/0 to 5.60 mm -0.1/0 in stages of 0.40 mm
Adapter colors (replace 0 with code)
1/4
Dark blue
2
Black
4
Grey
5
Yellow
6
Red
7/1
White
U3060
U3070
ACTUATOR REMOVING TOOL
U3052
Extract actuator (KR only)
Allows the extraction of the rocker / rocker support assembly. Place
the 2 claws under the support and push as indicated by the arrow.
Extract rocker (KR only)
Allows to separate the rocker from its support. Insert the tool between
rocker and support as indicated by the arrrow. Pull out the tool in the
opposite direction.
Extract switch (KR, KL and KI)
Allows to extract switch from panel mounting units. 2 Tools are neces-
sary. Insert the tools between switch and panel mounting units from
the rear to compress the snap-in device. Pull off switch manually.
2 tools are supplied
BLANKING CAPS
Usefull for future extensions.
Connectors can be hanged on specific hole plugs. Contact APEM.
U2271
Blue
U2271/4 Dark blue
U2272
Black
U2273
Green
U2274
Grey
44.10
(1.736)
(.819)
20.80
46.80
(1.843)
Recommended
panel thickness :
1.50 mm to 6 mm
U2275
Yellow
U2276
Red
U2277
Ivory
U2279
Orange
(NOT SUITABLE FOR USE WITH KH1 MODELS - 4-SIDE PROTECTION GUARDS)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com