Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL35FSK Datasheet(PDF) 1 Page - APEM

Part # KL35FSK
Description  Locking power rocker switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

KL35FSK Datasheet(HTML) 1 Page - APEM

  KL35FSK Datasheet HTML 1Page - APEM KL35FSK Datasheet HTML 2Page - APEM KL35FSK Datasheet HTML 3Page - APEM KL35FSK Datasheet HTML 4Page - APEM KL35FSK Datasheet HTML 5Page - APEM KL35FSK Datasheet HTML 6Page - APEM KL35FSK Datasheet HTML 7Page - APEM KL35FSK Datasheet HTML 8Page - APEM KL35FSK Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
• Sealing options :
K : IP68 to front panel components of switch only according to IEC 60529
Z : IP69K panel sealing according to DIN 40050-9
• Salt spray resistance : 96 hours according to IEC 512-6, test 11f
• Operating temperature : -40 °C to +85 °C (-40 °F to +185 °F)
ENVIRONMENTAL SPECIFICATIONS
• Mechanical life : 150,000 cycles min.
• Panel thickness : 0.8 mm to 4.6 mm
• Recommended panel thickness : between 2 mm and 3.5 mm
GENERAL SPECIFICATIONS
• Currrent/voltage rating with resistive load :
- Silver plated contacts :
A : 5 A 24 VDC, 100,000 cycles
10 A 24 VDC, 10,000 cycles (terminals 6.35 x 0.8 only)
S : 20 A 12 V, 10,000 cycles (see “Build your part number“)
- Gold plated contacts (D) : 20 mA 12 V, 150,000 cycles
• Initial contact resistance : 10 mΩ max.
• Insulation resistance : 1,000 MΩ min. at 500 VDC
• Dielectric strength : 2,000 Vrms 50 Hz min. between terminals
• Mechanical life : 150,000 cycles min.
ELECTRICAL SPECIFICATIONS
One protected position
Patented intuitive ergonomics
Laser etched symbols
Illuminated or non-illuminated
Optionally sealed to IP69K
DISTINCTIVE FEATURES
KL series
Locking power rocker switches
The company reserves the right to change specifications without notice.
1
SW-KL-1801(R1)


Similar Part No. - KL35FSK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL32BK ETC2-KL32BK Datasheet
120Kb / 2P
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE FOR REFERENCE PURPOSES ONLY
logo
Multicomp Pro
KL32BK MULTICOMP-KL32BK Datasheet
192Kb / 2P
Flexible Slit Cable Wrap and Installation Tool
01/09/22 V1.0
logo
KOA Speer Electronics, ...
KL32TTE KOA-KL32TTE Datasheet
135Kb / 8P
Chip Inductors
KL32TTE005 KOA-KL32TTE005 Datasheet
135Kb / 8P
Chip Inductors
KL32TTE005 KOA-KL32TTE005 Datasheet
266Kb / 2P
1210 molded wirewound inductor
More results

Similar Description - KL35FSK

ManufacturerPart #DatasheetDescription
logo
ITT Industries
C121J12S205QA ITT-C121J12S205QA Datasheet
200Kb / 3P
Power Rocker Switches
CA01J12207Q ITT-CA01J12207Q Datasheet
253Kb / 4P
Power Rocker Switches
DF52J12S215QA ITT-DF52J12S215QA Datasheet
273Kb / 4P
Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
Power Rocker Switches
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
Power Rocker Switches
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
Power Rocker Switches
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
Power Rocker Switches
logo
C&K Components
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
Power Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com