Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOSTCDRI Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FOSTCDRI
Description  Industrial Serial to Fiber Optic Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FOSTCDRI Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FOSTCDRI Datasheet HTML 1Page - Advantech Co., Ltd. FOSTCDRI Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice.
www.advantech-bb.com
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
Industrial Serial to
Fiber Optic Converters
Models FOSTCDRI, FOSTCDRI-INV
Model FOSTCDRI is Advantech B+B SmartWorx’ premium industrial serial to
multi-mode fiber optic converter. Its rugged design is UL approved and certified
for Class 1/Division 2 industrial environments. It extends data communications
up to 4 km (2.5 miles). It provides three-way optical isolation on the input,
output and power lines.
In addition to direct point-to-point connectivity, it is capable of operating in a
multi-drop mode. This allows one serial device to communicate with up to 31
other devices around a fiber ring. Since it supports mixed standards, you can
replace other converters and isolators and add the EMI / RFI protection inherent
to fiber optic communications.
In RS-232 mode, the converter supports Transmit and Receive data.
Handshaking signals are not passed through. An Automatic Send Data Control
circuit controls the RS-422/485 driver chip, eliminating the requirement for
external software.
Easy to install and configure, it has a 12-position DIP switch on the bottom to
configure RS-422/485 parameters. Serial data and power cables connect to
removable terminal blocks. ST connectors are used for the fiber.
Model FOSTCDRI-INV features an “inverted fiber state” and is suitable for
applications requiring the fiber optic transmit light to be Off in the idle state.
• Data rates up to 115.2 kbps
• 10 – 48 VDC input power range
• Wide operating temperature
• 2,000V, 3-way optical isolation
• Modbus ASCII/RTU compatible
• EMI / RFI protection
• UL Class 1/Division 2
• Inverted fiber state option (Model FOSTCDRI-INV)
• TD, RD and Power LEDs
PRODUCT FEATURES
ACCESSORIES
MDR-40-24 - 24 VDC, 1A, slim-line DIN rail power supply
DFMM-STST-1M - Multi-mode fiber optic cable with ST/ST connectors (62.5/125 micro-
meter), 1 meter
TBKT1 - Replacement 2-position terminal block, 5.08 mm
TBKT2 - Replacement 5-position terminal block, 5.08 mm
ORDERING INFORMATION
MODEL NUMBER
SERIAL
CONNECTOR
FIBER CONNECTOR
ISOLATION
FOSTCDRI
Terminal Block
Multi-mode ST
2,000 V
FOSTCDRI-INV
Terminal Block
Multi-mode ST
2,000 V
What is the difference between Model FOSTCDRI
and Model FOSTCDRI-INV?
The FOSTCDRI keeps the light in the fiber turned On when no data is
transmitted and the input signal is in the MARK state (idle). If light is lost
or too low, the electrical signals go to the SPACE state. The input signal
turns the light Off/On in step with the data. This model has an indicator for
Transmit and Receive, if no light is received, the RD LED will come on,
the RD output will be positive relative to GND (normally negative), and in
RS-422 or RS-485 mode, no light will set the TD(A)- line high relative to
TD(B)+. The usual voltage with light in the fiber and no signal sets the B
line high relative to A (about 4.4 Volts DC no termination).
The FOSTCDRI-INV is the opposite. The fiber is Off in the idle state.
FOSTCDRI, FOSTCDRI-INV_0218ds


Similar Part No. - FOSTCDRI

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FOSTCDRI-PH-MC ADVANTECH-FOSTCDRI-PH-MC Datasheet
520Kb / 2P
Heavy Industrial Serial to Fiber Optic Converters
More results

Similar Description - FOSTCDRI

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6542 ADVANTECH-ADAM-6542 Datasheet
57Kb / 1P
Ethernet to WDM Fiber Optic Converters
EKI-2541M ADVANTECH-EKI-2541M Datasheet
269Kb / 1P
10/100TX to Multi-mode SC Type Fiber Optic Industrial Media Converters
EKI-2741F ADVANTECH-EKI-2741F Datasheet
565Kb / 1P
10/100/1000T(X) to Fiber Optic Gigabit Industrial Media Converters
EKI-2741 ADVANTECH-EKI-2741 Datasheet
220Kb / 1P
10/100/1000T(X) to Fiber Optic Gigabit Industrial Media Converters
logo
Moxa Inc.
ICF-1170I MOXA-ICF-1170I Datasheet
717Kb / 3P
Industrial CAN-to-fiber converters
ICF-1180I MOXA-ICF-1180I Datasheet
1Mb / 4P
Industrial PROFIBUS-to-fiber converters
IMC-101 MOXA-IMC-101 Datasheet
804Kb / 4P
Industrial Ethernet-to-fiber media converters
logo
Advantech Co., Ltd.
FOSTCDRI-PH-MC ADVANTECH-FOSTCDRI-PH-MC Datasheet
520Kb / 2P
Heavy Industrial Serial to Fiber Optic Converters
BB-FOSTCDRI ADVANTECH-BB-FOSTCDRI Datasheet
362Kb / 2P
Industrial Serial to Fiber Optic Converters
ULI-211C ADVANTECH-ULI-211C Datasheet
554Kb / 3P
Serial to Fiber Optic Converters
9-Mar-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com