Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-710SW Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-710SW
Description  USB Type-C one cable, 10.1" WUXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI, DP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-710SW Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-710SW Datasheet HTML 1Page - Advantech Co., Ltd. FPM-710SW Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Front View
Rear View
IO View
Panel Cutout Dimensions: 251.1[9.9] x 169.7[6.7] mm, corner=R5[0.2]mm (±0.5[0.019]mm)
Dimensions
Unit: mm
Packing List
Item
Part No.
Description
Qty
Note
Terminal Block
1652007930-01
Plug-In Block 1x3P/5.08mm/PA66/F/VA/Sn/GR/H15.0
1
USB Type C
170P000009-01
M cable USB-C 24P(M)/USB-C 24P(M) 100cm USB3.1
1
GND cable
170P000007-01
A Cable G-TEM 4.3 100CM
1
USB touch Cable
170P000008-01
M cable USB-A 9P(M)/USB-B 9P(M) 105cm
1
HDMI Cable
170P000010-01
M Cable HDMI-A 19P(M)/HDMI-A 19P(M) 200cm 1.4
1
HDMI and DP lockable kit
1990022422S000
Fixed rail 71.3Lx6.2W mm YJC-64C for UBC-DS31
3
HDMI and DP lockable kit
1990022423S000
Fixed ring DIA:7.5-8.5 FWM-8K for UBC-DS31
3
Type-C Compatible UNO List
ƒ
UNO-238-C3N1AE / UNO-238-C5N1AE / UNO-238-C7N1AE
ƒ
UNO-2271G-I331AE
FPM-710SW
R5.0
[0.2]
260.5 [10.3]
6.4 [0.3]
20.0 [0.8]
45.0 [1.8]
100.0 [3.9]
251.1 [9.9]
225.0 [8.9]
249.9 [9.8]
GND
USB
DP Port
Touch USB Port
DC terminal 24VDC
HDMI Port Type-C Port



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com