Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-710SW-P7AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-710SW-P7AE
Description  USB Type-C one cable, 10.1" WUXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI, DP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-710SW-P7AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-710SW-P7AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-710SW-P7AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
USB Type-C one cable, 10.1" WUXGA
Industrial Monitor with P-CAP Touch
Control, Direct HDMI, DP
Specifications
General
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL, CB
ƒ
Dimensions (W x H x D) 260.5 x 179.1 x 45.0 mm (10.3" x 7.1" x 1.8")
ƒ
Enclosure
Front panel: Die-casting aluminium,
Rear cover: Die-casting aluminium
ƒ
Mount
Options Stand, Wall, Panel and VESA arm
(100 x 100mm)
ƒ
Power Input
Terminal Block: 12-24 VDC input
ƒ
Video Port
HDMI, DP, and Type-C
ƒ
USB
Rear I/O USB3.0 Type A=>Type B
ƒ
Weight (Net)
1.1kg (2.42lb)
LCD Display
ƒ
Display Type
WUXGA TFT LED LCD
ƒ
Display Size
10.1"
ƒ
Max. Resolution
1920 x 1200
ƒ
Max. Color
16.7M
ƒ
Viewing Angle (H/V)°
178/178
ƒ
Luminance (cd/m2)
380
ƒ
Backlight Life (hrs)
30,000
ƒ
Contrast Ratio
800:1
Touchscreen
ƒ
Type
Projected capacitive touch
ƒ
Interface
USB
ƒ
OS Support
Windows® 7, 8, 10,11, XPe, CE and Linux
ƒ
Hardness
7H
ƒ
Multi Touch
10 points, USB interface in Win 7/8/10, Linux
ƒ
USB Type-C connection touch monitor 1920 x 1200
ƒ
10.1" WUXGA TFT LED LCD with true-flat touchscreen
ƒ
16:9 wide screen aspect ratio, increases viewing area by 40%
ƒ
Supports multi-touch control via USB interface in Windows 7/8/10 OS
ƒ
Slim design enables easy installation with Build-in panel mount kit
ƒ
Supports various mount options: panel, desktop, and VESA arm
ƒ
Touchscreen with reliable glass surface and P-CAP touch control
ƒ
Robust system with Die-casting aluminum chassis and IP66-rated aluminum
alloy front bezel
ƒ
Lockable I/O connectors
ƒ
Supports various mount options: panel, desktop, and VESA mounting
ƒ
First single cable Ind. Touch Monitor
Environment
ƒ
Operating Temperature -10 ~ 50 °C (14 - 122 °F)
ƒ
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
ƒ
Relative Humidity
Operating, 95% RH @ 40 °C, Non-Condensing
Non-Operating, Operating, 95% RH @ 60 °C,
Non-Condensing
ƒ
Waterproof
Front Panel IP66 Compliant
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Power Consumption
ƒ
FPM-710SW-P7AE
12V 1.04 (Standby), 10.16 (Max)
(Made in China)
24V 0.82 (Standby), 10.66 (Max)
ƒ
FPM-710SW-P7AU
12V 1.04 (Standby), 10.16 (Max)
(Made in Taiwan)
24V 0.82 (Standby), 10.66 (Max)
Ordering Information
ƒ
FPM-710SW-P7AE
10.1" WUXGA Ind. Monitor, W/PCAP touch
Optional Accessories
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596-11
Power Cable China/Australia Plug 1.8 M
ƒ
PWR-247-DE
Adapter 100-240V 60W 24V 2.5A
ƒ
FPM-1000T-SMKE
Desktop/Wall Mounting kit for FPM series
Introduction
In IIoT and Industry 4.0, more and more customers need data to be visualized to help process
management and decision making. The FPM-710SW are industrial-grade,widescreen monitor
with sleek, simple lines and a true-flat touchscreen. Equipped with P-CAP multi-touch control
and an IP66-rated front bezel,FPM-710SW series is specifically designed for industrial
applications. FPM-710SW is first use type-C one single cable Ind. Touch Monitor. Moreover,
FPM-710SW support various mount options to make these monitors ideal for factory and
machine automation display applications.
FPM-710SW
All product specifications are subject to change without notice.
Last updated: 2-Jun-2025


Similar Part No. - FPM-710SW-P7AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-7121T ADVANTECH-FPM-7121T Datasheet
451Kb / 2P
12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-7121T-R3AE ADVANTECH-FPM-7121T-R3AE Datasheet
451Kb / 2P
12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-7121T-R3AE ADVANTECH-FPM-7121T-R3AE Datasheet
745Kb / 2P
Most Ruggedized Industrial Displays - FPM
FPM-715 ADVANTECH-FPM-715 Datasheet
473Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
FPM-715-R9AE ADVANTECH-FPM-715-R9AE Datasheet
473Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
More results

Similar Description - FPM-710SW-P7AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-7061T ADVANTECH-FPM-7061T Datasheet
529Kb / 2P
6.5 VGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature
27-Jun-2018
FPM-7121T ADVANTECH-FPM-7121T Datasheet
451Kb / 2P
12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-215W ADVANTECH-FPM-215W Datasheet
398Kb / 2P
15.6 WXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
2-Sep-2019
FPM-221W ADVANTECH-FPM-221W Datasheet
426Kb / 2P
21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
28-Jun-2021
FPM-817S ADVANTECH-FPM-817S Datasheet
455Kb / 2P
17 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, DP Ports, and 304 Stainless Steel Front Bezel
25-Feb-2020
FPM-215W ADVANTECH-FPM-215W_V01 Datasheet
474Kb / 2P
15.6 WXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
17-Jan-2022
FPM-221W ADVANTECH-FPM-221W_V01 Datasheet
438Kb / 2P
21.5 Full HD Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
14-Jan-2022
FPM-7151T ADVANTECH-FPM-7151T Datasheet
447Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-815S ADVANTECH-FPM-815S Datasheet
433Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DP Ports, and 304 Stainless Steel Front Bezel
25-Feb-2020
FPM-715 ADVANTECH-FPM-715 Datasheet
473Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com