Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-215-R8AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-215-R8AE
Description  12" XGA/15" XGA/17" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-215-R8AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-215-R8AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-215-R8AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
FPM-212
FPM-215
FPM-217
Dimensions
Unit: mm
Ordering Information
ƒ
FPM-212-R8AE
12" XGA Ind Monitor w/Resistive TS
ƒ
FPM-215-R8AE
15" XGA Ind Monitor w/Resistive TS
ƒ
FPM-217-R8AE
17" SXGA Ind Monitor w/Resistive TS
Optional Accessories
ƒ
1700001524
Power Cable US Plug, 1.8m
ƒ
170203183C
Power Cable EU Plug, 1.8m
ƒ
170203180A
Power Cable UK Plug, 1.8m
ƒ
1700008921
Power Cable JP Plug, 1.8m
ƒ
1700019146
Power Cable China/Australia Plug, 1.8m
Front View
Rear View
Panel Cutout Dimensions: FPM-212: 303 x 229 mm (11.93 x 9.02 in)
FPM-215: 374.5 x 298.5 mm (14.74 x 11.75 in)
FPM-217: 401.3 x 334.8 mm (15.8 x 13.18 in)
Power Adaptor
Power adapter mounting bracket
VESA Mount
I/O View
Lockable DC Jack 12VDC
(100 ~ 240VAC adapter included)
Touch Screen Interface (USB)
HDMI Port
VGA Port
DP Port
FPM-212: 311.8 [12.27]
FPM-215: 383.2 [15.08]
FPM-217: 410.4 [16.15]
FPM-212: 7 [0.27]
FPM-215: 7 [0.27]
FPM-217: 7 [0.27]
FPM-212: 53 [2.08]
FPM-215: 53 [2.09]
FPM-217: 54 [2.12]
FPM-212: 301.56 [11.87]
FPM-215: 372.89 [14.6]
FPM-217: 399.88 [15.74]
75 [2.95]
259 [10.19]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com