Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-217-R8AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-217-R8AE
Description  12" XGA/15" XGA/17" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-217-R8AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-217-R8AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-217-R8AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
FPM-212
FPM-215
FPM-217
12" XGA/15" XGA/17" SXGA Industrial
Monitors with Resistive Touch Control,
Direct HDMI, DP, and VGA Ports
ƒ 12" XGA/17" SXGA TFT LED LCD with 50,000 backlight lifetime
ƒ 15" XGA TFT LED LCD with 70,000 backlight lifetime
ƒ Direct HDMI, DP and VGA input interfaces
ƒ Anti-glare screen with tempered glass
ƒ Robust system with Die-casting aluminum chassis and IP66-rated aluminum
alloy front bezel
ƒ Lockable I/O connectors
ƒ Slim design enables easy installation
ƒ Supports various mount options: panel, desktop, and VESA arm
Introduction
In IIoT and Industry 4.0, more and more customers need data to be visualized to help process management and decision making. The FPM-200 series is an industrial-grade monitor
with sleek, simple lines and a true-flat touchscreen. Equipped with durable resistive touch control and an IP66-rated front bezel, FPM-200 series is designed for intuitive operation
in industrial environments such as smart factory and machine automation display applications.
Specifications
General
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL
ƒ
Dimensions (W x H x D) FPM-212: 311.8 x 238.0 x 53 mm
(12.27 x 9.37 x 2.08 in)
FPM-215: 383.2 x 307.3 x 53.20 mm
(15.08 x 12 x 2.09 in)
FPM-217: 410.4 x 343.4 x 54 mm
(16.15 x 13.51 x 2.12 in)
ƒ
Enclosure
Front panel: Die cast magnesium alloy
Rear cover: Die-casting aluminum
ƒ
Mount Options
Stand, Wall, Panel and VESA arm (75 x 75mm)
ƒ
Power Input
External 36 W power adapter, with AC 100 V ~ 240 V
input and DC +12 V @ 3 A output (included)
ƒ
Power Consumption
15 W + 20%
ƒ
Video Port
HDMI, DP, and VGA
ƒ
Weight (Net)
3.2 kg / 4.6 kg / 5.4 kg
LCD Display
ƒ
Display Type
XGA/XGA/SXGA TFT LCD
ƒ
Display Size
12"/15"/17"
ƒ
Max. Resolution
1024 x 768/1024 x 768/1280 x 1024
ƒ
Max. Color
16.2M/16.2M/16.7M
ƒ
Viewing Angle (H/V °) 178/178, 176/176, 170/170
ƒ
Luminance (cd/m2)
600/300/250
ƒ
Backlight Life
50,000/70,000/50,000 hr
ƒ
Contrast Ratio
1000:1 / 2000:1 / 1000:1
Touchscreen
ƒ
Type
5-wire analog resistive
ƒ
Interface
USB
ƒ
Light Transmission
Above 75%
ƒ
OS Support
Windows XP, Vista,7, 8,10,XPe and Linux
Environment
ƒ
Operating Temperature 0 ~ 50 °C (32 ~ 122 °F)
ƒ
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
ƒ
Humidity (Storage)
10 ~ 90% non-condensing
ƒ
IP Rating
IP-66 graded front panel
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
All product specifications are subject to change without notice.
Last updated: 16-Oct-2020


Similar Part No. - FPM-217-R8AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-217 ADVANTECH-FPM-217 Datasheet
509Kb / 2P
12 XGA/15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
25-Oct-2021
FPM-2170G ADVANTECH-FPM-2170G Datasheet
271Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G-R3AE ADVANTECH-FPM-2170G-R3AE Datasheet
271Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G-R3AE ADVANTECH-FPM-2170G-R3AE Datasheet
356Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G-X0AE ADVANTECH-FPM-2170G-X0AE Datasheet
271Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
More results

Similar Description - FPM-217-R8AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3150G ADVANTECH-FPM-3150G Datasheet
651Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5151G ADVANTECH-FPM-5151G Datasheet
505Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-5152G ADVANTECH-FPM-5152G Datasheet
364Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touchscreens, Display Port
FPM-5172G ADVANTECH-FPM-5172G Datasheet
364Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touchscreens, Display Port
FPM-212 ADVANTECH-FPM-212 Datasheet
509Kb / 2P
12 XGA/15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
25-Oct-2021
FPM-5191G ADVANTECH-FPM-5191G Datasheet
404Kb / 2P
15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct VGA, and DVI Ports
27-Jun-2018
FPM-3151G ADVANTECH-FPM-3151G Datasheet
452Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
27-Jun-2018
FPM-7151T ADVANTECH-FPM-7151T Datasheet
447Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-815S ADVANTECH-FPM-815S Datasheet
433Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DP Ports, and 304 Stainless Steel Front Bezel
25-Feb-2020
FPM-715 ADVANTECH-FPM-715 Datasheet
473Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com