Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-815S-R6AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-815S-R6AE
Description  Most Ruggedized Industrial Displays - FPM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-815S-R6AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-815S-R6AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-815S-R6AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Most Ruggedized Industrial Displays - FPM
Stainless Steel Enclosure
Chemicals/ detergent resistant
wildly deployed in Pharma, F&B industries
Harsh Environment
Front panel IP66 protection
Wide temp support (-20~60C)
Higher EMC (Ind.: CS10, consumer: CS3)
50~70K HRs backlight lifetime
DC Power Input
C1D2 Certified
ruggedized monitors in hazardous area


Similar Part No. - FPM-815S-R6AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-815S-R6AE ADVANTECH-FPM-815S-R6AE Datasheet
433Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DP Ports, and 304 Stainless Steel Front Bezel
25-Feb-2020
More results

Similar Description - FPM-815S-R6AE

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C1M16C3 MICRON-MT4C1M16C3 Datasheet
466Kb / 22P
FPM DRAM
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
Hexadecimal and Numeric Displays for Industrial Applications
logo
Murata Manufacturing Co...
DMU-30ACV MURATA-DMU-30ACV Datasheet
142Kb / 3P
Ruggedized True-rms ac Voltmeters with Daylight Readable, Auto-Dimming LED Displays
DMU-30DCV MURATA-DMU-30DCV Datasheet
143Kb / 3P
Ruggedized DC Voltmeters with Daylight Readable Auto-Dimming LED Displays
logo
Advantech Co., Ltd.
UNO-PCM21 ADVANTECH-UNO-PCM21 Datasheet
83Kb / 1P
UNO & FPM integration kit
logo
PHOENIX CONTACT
2913016 PHOENIX-2913016 Datasheet
49Kb / 2P
Monitor - VL FPM 12U
2913021 PHOENIX-2913021 Datasheet
49Kb / 2P
Monitor - VL FPM 19U
3467 PHOENIX-3467 Datasheet
232Kb / 5P
BL FPM
logo
Moxa Inc.
MD-215 MOXA-MD-215 Datasheet
856Kb / 4P
15-inch rugged industrial displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com