Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LL4448
Description  Fast Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL4448 Datasheet(HTML) 3 Page - Vishay Siliconix

  LL4448 Datasheet HTML 1Page - Vishay Siliconix LL4448 Datasheet HTML 2Page - Vishay Siliconix LL4448 Datasheet HTML 3Page - Vishay Siliconix LL4448 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VISHAY
LL4148 / LL4448
Document Number 85557
Rev. 1.7, 06-Feb-04
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches)
Fig. 3 Reverse Current vs. Reverse Voltage
1
10
100
1000
VR - Reverse Voltage(V)
10
1
100
94 9098
Tj =25 °C
Scattering Limit
Fig. 4 Diode Capacitance vs. Reverse Voltage
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
100
94 9099
2.5
VR - Reverse Voltage(V)
T
f=1MHz
j =25 ° C
96 12070
3.5 ± 0.2 (0.14 ± 0.008)
0.47 max.
(0.02)
Cathode indification
Glass case
Mini Melf / SOD 80
JEDEC DO 213 AA
technical drawings
according to DIN
specifications
2.50 (0.098) max
5 (0.197) ref
1.25 (0.049) min
Mounting Pad Layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com