Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3400AI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP3400AI
Description  30V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3400AI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP3400AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3400AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3400AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3400AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3400AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3400AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3400AI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP3400AI
30V N-Channel Enhancement Mode MOSFET
AP3400AI REV3.2
永源微電子科技有限公司
Description
The AP3400AI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 30V ID =6.2A
RDS(ON) <28mΩ @ VGS=10V (Type:20mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP3400AI
SOT23L
A09T
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±12
V
ID@TA=25℃
Continuous Drain Current
6.2
A
ID@TA=70℃
Continuous Drain Current
4.9
A
IDM
Pulsed Drain Current2
20
A
PD@TA=25℃
Total Power Dissipation3
1
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
RθJA
Thermal Resistance Junction-ambient 1
125
℃/W


Similar Part No. - AP3400AI

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP3400BI-L APME-AP3400BI-L Datasheet
777Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP3400CI APME-AP3400CI Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.1
AP3400DI APME-AP3400DI Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
AP3400EI APME-AP3400EI Datasheet
401Kb / 5P
30V N-Channel Enhancement Mode MOSFET
AP3400MI APME-AP3400MI Datasheet
2Mb / 7P
30V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP3400AI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com