Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P10D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P10D
Description  10W DC-DC Converter P10D-Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P10D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P10D Datasheet HTML 1Page - List of Unclassifed Manufacturers P10D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10W DC-DC Converter P10D-Series
Specifications
Input
Voltage range
24 VDC, 9…36 VDC
48 VDC, 18…72 VDC
Filter
Capacitors
Isolation Voltage:
Input to Output
1,5 kVDC for 1 min., test 1s
Input/Output to Case
1000 VDC for 1 min.
Resistance
10
9 Ω
Capacitance
1200 pF, typ.
Output
Voltage accuracy
± 1%
Load voltage regulation
± 0.5%, at 10..100% load
Line voltage regulation
± 0.5%, max.
Over current protection
140% of max. Iout
Short circuit protection
Continuous
Short circuit restart
Automatic
Ripple and noise
(at 20 MHz BW)
75 mVp-p, max.
Temperature coefficient
± 0.02% / °C
Dimensions
Output ripple and noise reduction
Page 2 of 2
General
Switching frequency
200 kHz, typ.
Safety standard in
accordance with
IEC60950-1 : 2001
Environmental
Operating temperatur
(ambient)
-40 °C...+85 °C
Case temperature
100 °C, max.
Storage temperature
-40 °C...+125 °C
Derating
None required
Humidity
Up to 95%,
non-condensing
Cooling
Free-air convection
Physical
Dimensions
50.80 x 25.40 x 10.16 mm
Weight
30.0 g
Case material
Nickel-coated copper
Potting material
Epoxy (UL94V-0 rated)
Pin material
Brass solder coated
Soldering temperature
1.5mm distance from case
260°C for 10s
Life Support Policy
: HY-LINE does not authorize the use of any of its products for use in life support devices or systems
without the express written approval of an officer of the Company. Life support systems are devices which support or
sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in significant injury to the user.
Rev: 2 / 07f
Deutschland:
Schweiz:
Inselkammerstraße 10
Gründenstrasse 82
D-82008 Unterhaching
CH-8247 Flurlingen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch
To reduce ripple and noise, it is recommended to use
4.7µF capacitors to the output
Scope
Load
+input +output
DC/DC -
Converter
-input
-output
+
DC Power
Source
-
COM /
no Pin
COM /
no Pin



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com