Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8151X112B Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # R8151X112B
Description  50 mA 36 V Input LDO Regulator for Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8151X112B Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  R8151X112B Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R8151X112B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R8151X112B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R8151X112B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R8151X112B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R8151X112B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R8151X112B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8151X112B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8151X112B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
R8151x
NO. EC-223-220825
3
PIN DESCRIPTIONS
 SOT-89-5
 HSOP-6J
1
3
5
4
2
1
3
6
4
2
5
 SOT-89-5
Pin No.
Symbol
Description
1
VOUT
Output Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
GND
Ground Pin
5
VDD
Input Pin
) The GND pin must be wired together when it is mounted on board.
 HSOP-6J
Pin No.
Symbol
Description
1
VOUT
Output Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
GND
Ground Pin
5
GND
Ground Pin
6
VDD
Input Pin
) The GND pin must be wired together when it is mounted on board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com