Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S037B Datasheet(PDF) 11 Page - Nisshinbo Micro Devices Inc.

Part # R8152S037B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S037B Datasheet(HTML) 11 Page - Nisshinbo Micro Devices Inc.

Back Button R8152S037B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8152S037B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8152S037B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R8152S037B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R8152S037B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R8152S037B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R8152S037B Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R8152S037B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R8152S037B Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
R8152x
NO. EC-238-180730
11
PACKAGE DIMENSIONS (HSOP-6J)
3.81
123
5.02±0.3
654
Unit: mm
0.10
0.12 M
0.605TYP.
1.67±0.1
0.4±0.1
0.2-0.05
+
0.10
HSOP-6J Package Dimensions
MARK SPECIFICATION (HSOP-6J)
: Product Code … Refer to R8152S MARK SPECIFICATION TABLE
: Lot Number … Alphanumeric Serial Number
: Lot Sub Number …Alphanumeric Serial Number
 

HSOP-6J Mark Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com