Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AX.SA.1 Datasheet(PDF) 1 Page - IDEAL-TEK SA

Part # 2AX.SA.1
Description  Reverse Action Tweezers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

2AX.SA.1 Datasheet(HTML) 1 Page - IDEAL-TEK SA

  2AX.SA.1 Datasheet HTML 1Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Datasheet
ideal-tek.com
REV.00 - 07.12.2020
Product code:
2AX.SA.1
Product type:
Reverse Action Tweezers
Made in:
Switzerland
Description:
Type 2AX reverse action tweezers are suitable to applications which require holding a flat
component firmly. Reverse action helps to hold the component firmly in a resting position.
Tip description:
straight, fine, round, flat
Coating/finishing:
Sandblasted
Body material:
Anti-Magnetic Anti-Acid Stainless Steel (SA)
Picture:
Tweezer dimensions:
OAL
120.0 mm – 4.724 inch
Width
10.0 mm – 0.394 inch
Height
11.0 mm – 0.433 inch
a
Tip dimensions:
Tip width
1.90 mm – 0.075 inch
Tip thickness 0.12 mm – 0.005 inch
Tip details:


Similar Part No. - 2AX.SA.1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2AX103K1 SEMTECH-2AX103K1 Datasheet
118Kb / 5P
High Voltage Capacitors
2AX103K2 SEMTECH-2AX103K2 Datasheet
118Kb / 5P
High Voltage Capacitors
2AX103K3 SEMTECH-2AX103K3 Datasheet
118Kb / 5P
High Voltage Capacitors
2AX103K4 SEMTECH-2AX103K4 Datasheet
118Kb / 5P
High Voltage Capacitors
2AX103K5 SEMTECH-2AX103K5 Datasheet
118Kb / 5P
High Voltage Capacitors
More results

Similar Description - 2AX.SA.1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM117 ETC2-SM117 Datasheet
3Mb / 4P
General Purpose Tweezers
49157 ETC2-49157 Datasheet
138Kb / 1P
Long Tweezers With Serrated Pattern Tips
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
Diamond coated Tweezers
00CCFR.SA.1 IDEAL-TEK-00CCFR.SA.1 Datasheet
438Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
279CCFR.SA.1 IDEAL-TEK-279CCFR.SA.1 Datasheet
474Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
5CCFR.SA.1 IDEAL-TEK-5CCFR.SA.1 Datasheet
234Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5UFCCFR.SA.1 IDEAL-TEK-5UFCCFR.SA.1 Datasheet
437Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com