Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBX12 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CBX12
Description  Mini-Com® Surface Mount Boxes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CBX12 Datasheet(HTML) 1 Page - PANDUIT CORP.

  CBX12 Datasheet HTML 1Page - PANDUIT CORP. CBX12 Datasheet HTML 2Page - PANDUIT CORP. CBX12 Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.panduit.com
Mounting option:
Mounts easily with screws, adhesive tape, or optional magnet
Material:
Box is made of ABS, shuttered doors are PC
UL rated:
UL 1863; UL 2043 for select 1 & 2 port surface mount boxes
Compatible raceway, magnets, and packaging:
technical information
specifications
Surface Mount Boxes shall have a low profile design and
be available in a variety of port densities. Boxes shall
accept most Mini-Com® Modules for fiber, copper, and
audio/video applications. The boxes shall mount with
screws, adhesive, or optional magnets. The box covers
include breakouts for use with surface raceway. Cable tie
slots shall be included to provide strain relief on incoming
cables. Select boxes shall include spring-shuttered doors.
applications
Mini-Com® Surface Mount Boxes offer a variety of
mounting options, allowing Mini-Com® Modules to be
mounted on a variety of surfaces, such as standard
walls, metal surfaces, office furniture, etc. Surface
mount boxes include breakouts compatible with
Panduit’s Raceway system to conceal and allow cable
to run into the box providing a point of connection for
voice, video, and data applications.
Mini-Com® blanks can be used to reserve space for
future expansion. Select 1 & 2 port surface mount
boxes are suitable for installations in air handling
spaces.
Shuttered surface mount boxes include a
spring-shuttered door that will protect the connections
from dust and debris. The 6-port deep shuttered box is
deeper and includes a routing bridge to help route the
cables and protect the bend radius.
key features and benefits
Modular
Accepts all Mini-Com® Modules, which snap in and out for easy moves,
adds, and changes
Low profile design
Presents a more discreet or inconspicuous look
Raceway
Compatible with specific raceway, conceals cable entering the box
breakouts
Cover screw
Select boxes provide a screw that secures the cover to the base
Labels and
Select boxes include a label pocket to meet TIA/EIA-606B labeling standards
label covers
Magnet pockets
Magnet can be used with magnet pocket for optional mounting (CBX1**-A
does not include a magnet pocket); CBM-X for used with standard boxes,
CSBM-X for use with shuttered boxes
Shuttered feature
Select boxes include spring-shuttered doors to protect connections from
dust and debris
UL 2043
CBX1, CBX2 & CBXJ2 are UL rated for air handling spaces
Mini-Com® Surface Mount Boxes
Low Profile Surface Mount Boxes:
Two
module space:
CBXJ2**-A^
Four
module space:
CBXC4**-A
Six
module space:
CBXD6**-AY
Twelve
module space:
CBX12**-AY
Elongated Surface Mount Boxes:
One
module space:
CBX1**-A^
Two
module space:
CBX2**-A^
Four
module space:
CBX4**-A
Shuttered Surface Mount Boxes:
One
module space:
CBXS1**-A
Two
module space:
CBXS2**-A
Three
module space:
CBXS3**-AY
Four
module space:
CBXS4**-AY
Six
module space:
CBXS6**-AY
Six
module space,
deep:
CBXSD6**-AY
Accessories:
Screw cover:
CSC**-X
Label/label
cover kit:
CSGLLC-L
Magnet
(standard boxes): CBM-X
Magnet
(shuttered boxes): CSBM-X
Category 5e and Category 6 copper cable
couplers are not compatible with boxes.
**To designate color, add suffix
EI (Electric Ivory), IW (Off White),
IG (International Gray), WH (White),
BL (Black), AW (Arctic White).
^ Suitable for air handling spaces
SPECIFICATION SHEET
*Raceway does not enter box.
Part Number
Breakout
Suitable
for:
No. of
Adhesive
Strips
No. of
Cable
Ties
Label/Label
Cover
Included
Mounting
Screws
Included
Screw
Cover
Included
Magnet
Pockets
CBXS1**-A*
LDPH5
1
1
No
No
No
1
CBXS2**-A*
LDPH5
1
2
No
Yes
No
1
CBXS3**-AY
LD5/LDPH5
2
2
Yes
Yes
Yes
2
CBXS4**-AY
LD3/LDPH3
LD5/LDPH5
2
2
Yes
Yes
Yes
2
CBXS6**-AY
LD5/LDPH5
2
2
Yes
Yes
Yes
2
CBXSD6**-AY
LD5/LDPH5
LD10/LDPH10
2
2
Yes
Yes
Yes
2
CBX1**-A*
LD3/LDPH3
1
0
No
No
No
0
CBX2**-A
LD3/LDPH3
LD5/LDPH5
1
1
No
Yes
No
1
CBX4**-A
LD3/LDPH3
LD5/LDPH5
2
2
Yes
Yes
Yes
2
CBXJ2**-A*
LDPH5
1
0
No
No
No
1
CBXC4**-A
LD3/LDPH3
LD5/LDPH5
2
1
No
No
No
2
CBXD6**-AY
LD3/LDPH3
LD5/LDPH5
LD10/LDPH10
3
2
Yes
Yes
Yes
2
CBX12**-AY
LD5/LDPH5
LD10/LDPH10
2
4
Yes
Yes
Yes
4


Similar Part No. - CBX12

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CBX12IW-AY PANDUIT-CBX12IW-AY Datasheet
1Mb / 1P
Mini-Com짰 Surface Mount Boxes
More results

Similar Description - CBX12

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1453 RHOMBUS-IND-T-1453 Datasheet
19Kb / 1P
Mini Surface Mount Transformer
08/17/01
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
BOXES
logo
Molex Electronics Ltd.
84613-0004 MOLEX-84613-0004 Datasheet
166Kb / 2P
Mini-C PolyPort??Junction Boxes
logo
List of Unclassifed Man...
A508 ETC2-A508 Datasheet
104Kb / 2P
Surface Mount Back Boxes
logo
PANDUIT CORP.
CBX1IW-A PANDUIT-CBX1IW-A Datasheet
1Mb / 1P
Mini-Com짰 Surface Mount Boxes
UICBXA12IW-A PANDUIT-UICBXA12IW-A Datasheet
251Kb / 1P
Mini-Com Ultimate ID Multi-Media/Fiber Surface Mount Box
CBXF6BL-AY PANDUIT-CBXF6BL-AY Datasheet
186Kb / 2P
Mini-Com짰 Multi-Media/ Fiber Surface Mount Boxes
NK2BXIW-A PANDUIT-NK2BXIW-A Datasheet
182Kb / 2P
NetKey??Surface Mount Boxes
logo
Advantech Co., Ltd.
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
BCM Advanced Research.
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com