Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4414A Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP4414A
Description  30V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4414A Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP4414A Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4414A Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4414A Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4414A Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4414A Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4414A Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4414A Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP4414A
30V N-Channel Enhancement Mode MOSFET
AP4414A REV1.0
永源微電子科技有限公司
Description
The AP4414A uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS=30V ID =30A
RDS(ON) < 5.8mΩ @ VGS=10V
(Type:4.8mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP4414A
SOP-8L
AP4414A XXXX YYYY
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
30
A
ID@TC=75℃
Continuous Drain Current, VGS @ 10V1
22
A
IDM
Pulsed Drain Current2
120
A
EAS
Single Pulse Avalanche Energy3
56
mJ
IAS
Avalanche Current
15
A
PD@TC=25℃
Total Power Dissipation4
46
W
PD@TA=25℃
Total Power Dissipation4
2.72
W
TSTG
Storage Temperature Range
-55 to 175
℃
TJ
Operating Junction Temperature Range
-55 to 175
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃
/W
RθJC
Thermal Resistance Junction-Case1
2.72
℃
/W


Similar Part No. - AP4414A

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP4410A APME-AP4410A Datasheet
701Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP4410AGM A-POWER-AP4410AGM Datasheet
63Kb / 4P
Simple Drive Requirement, Low On-resistance
AP4410AGM-HF A-POWER-AP4410AGM-HF_14 Datasheet
55Kb / 4P
Simple Drive Requirement
logo
Asahi Kasei Microsystem...
AP4410BEC AKM-AP4410BEC Datasheet
576Kb / 11P
Ultra Low Power Dual Voltage Detector
logo
Advanced Power Electron...
AP4410GM A-POWER-AP4410GM Datasheet
208Kb / 5P
Low On-Resistance, Fast Switching
More results

Similar Description - AP4414A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com