Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57235 Datasheet(PDF) 2 Page - EPCOS

Part # B57235
Description  NTC thermistors for inrush current limiting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57235 Datasheet(HTML) 2 Page - EPCOS

  B57235_06 Datasheet HTML 1Page - EPCOS B57235_06 Datasheet HTML 2Page - EPCOS B57235_06 Datasheet HTML 3Page - EPCOS B57235_06 Datasheet HTML 4Page - EPCOS B57235_06 Datasheet HTML 5Page - EPCOS B57235_06 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1) For details on the capacitance Ctest as well as on the parameters k and n refer to "Application Notes", chapters 2.6 and 2.7.
Applications
Switch-mode power supplies
Features
Useable in series connections up to 265 Vrms
Coated thermistor disk
Kinked leads of tinned copper wire
Wide resistance range
Small space requirement
Cost-effective
UL approval (E69802)
Options
Resistance tolerance <20% and alternative
lead configurations available on request
Delivery mode
Bulk (standard),
cardboard tape, reeled or in Ammo pack
Dimensional drawing
Dimensions in mm
Approx. weight 0.8 g
General technical data
Climatic category
(IEC 60068-1)
55/170/21
Max. power
(at 25
°C)
Pmax
1.8
W
Resistance tolerance
∆R
R/RR
±20
%
Rated temperature
TR
25
°C
B value tolerance
∆B/B
±3
%
Dissipation factor
(in air)
δ
th
approx. 9
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 60
s
Heat capacity
Cth
approx. 540
mJ/K
Electrical specification and ordering codes
R25
Ω
Imax
(0...65
°C)
A
No. of
R/T char-
acteristic
B25/100
K
Ctest1)
230 V
µF
Ctest1)
110 V
µF
Param.
for R(I)1)
k
Param.
for R(I)1)
n
Ordering code
5
4.2
1202
2800
200
800
0.710
1.30
B57235S0509M000
6
4.0
1202
2800
200
800
0.757
1.30
B57235S0609M000
8
3.5
1203
2900
200
800
0.814
1.32
B57235S0809M000
10
3.0
1203
2900
200
800
0.879
1.32
B57235S0100M000
Inrush current limiters
B57235
ICLs
S235
Page 2 of 6
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com