Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7828PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7828PBF
Description  HEXFET짰 Power MOSFET for DC-DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7828PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7828PBF Datasheet HTML 1Page - International Rectifier IRF7828PBF Datasheet HTML 2Page - International Rectifier IRF7828PBF Datasheet HTML 3Page - International Rectifier IRF7828PBF Datasheet HTML 4Page - International Rectifier IRF7828PBF Datasheet HTML 5Page - International Rectifier IRF7828PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Parameter
Symbol
IRF7828PbF
Units
Drain-Source Voltage
V
DS
30
V
Gate-Source Voltage
V
GS
±20
Continuous Drain or Source
T
A = 25°C
I
D
13.6
Current (V
GS ≥ 4.5V)
T
L = 70°C
11
A
Pulsed Drain Current

I
DM
100
Power Dissipation
T
A = 25°C
P
D
2.5
W
T
L = 70°C
1.6
Junction & Storage Temperature Range
T
J, TSTG
–55 to 150
°C
Continuous Source Current (Body Diode)
I
S
3.1
A
Pulsed Source Current

I
SM
100
Absolute Maximum Ratings
Parameter
Max.
Units
Maximum Junction-to-Ambient
ƒ
R
θJA
50
°C/W
Maximum Junction-to-Lead
R
θJL
20
°C/W
Thermal Resistance
PD-95214A
IRF7828PbF
04/05/07
IRF7828PbF
R
DS(on)
9.5m
Ω
Q
G
9.2nC
Q
sw
3.7nC
Q
oss
6.1nC
DEVICE CHARACTERISTICS
…
Top V iew
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
SO-8
HEXFET® Power MOSFET for DC-DC Converters
• N-Channel Application-Specific MOSFETs
• Ideal for CPU Core DC-DC Converters
• Low Conduction Losses
• Low Switching Losses
• Lead-Free
Description
This new device employs advanced HEXFET Power
MOSFET technology to achieve an unprecedented
balance of on-resistance and gate charge. The reduced
conduction and switching losses make it ideal for high
efficiency DC-DC converters that power the latest
generation of microprocessors.
The IRF7828 has been optimized for all parameters that
are critical in synchronous buck converters including
R
DS(on), gate charge and Cdv/dt-induced turn-on immunity.
The IRF7828 offers particulary low R
DS(on) and high Cdv/dt
immunity for synchronous FET applications.
The package is designed for vapor phase, infra-red,
convection, or wave soldering techniques. Power
dissipation of greater than 3W is possible in a typical
PCB mount application.


Similar Part No. - IRF7828PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7828 IRF-IRF7828 Datasheet
479Kb / 6P
HEXFET Power MOSFET for DC-DC Converters
More results

Similar Description - IRF7828PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7811W IRF-IRF7811W Datasheet
146Kb / 6P
Power MOSFET for DC-DC Converters
IRF7822 IRF-IRF7822 Datasheet
71Kb / 6P
Power MOSFET for DC-DC Converters
IRF7828 IRF-IRF7828 Datasheet
479Kb / 6P
HEXFET Power MOSFET for DC-DC Converters
IRF7807PBF IRF-IRF7807PBF Datasheet
203Kb / 8P
HEXFET짰 Chip-Set for DC-DC Converters
IRF7811WPBF IRF-IRF7811WPBF Datasheet
543Kb / 6P
HEXFET짰 Power MOSFET for DC-DC Converters
IRF7822PBF IRF-IRF7822PBF Datasheet
143Kb / 6P
HEXFET짰 Power MOSFET for DC-DC Converters
IRF7805PBF IRF-IRF7805PBF Datasheet
225Kb / 5P
HEXFET짰 Chip-Set for DC-DC Converters
IRF7807TRPBF IRF-IRF7807TRPBF Datasheet
208Kb / 8P
HEXFET짰 Chip-Set for DC-DC Converters
logo
Infineon Technologies A...
IRF7805PBF-1 INFINEON-IRF7805PBF-1 Datasheet
338Kb / 6P
HEXFET짰 Chip-Set for DC-DC Converters
2016-08-23
IRF7805PBF INFINEON-IRF7805PBF Datasheet
336Kb / 6P
HEXFET짰 Chip-Set for DC-DC Converters
2016-8-23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com