Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8152S103B Datasheet(PDF) 26 Page - Nisshinbo Micro Devices Inc.

Part # R8152S103B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S103B Datasheet(HTML) 26 Page - Nisshinbo Micro Devices Inc.

Back Button R8152S103B Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R8152S103B Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R8152S103B Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R8152S103B Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. R8152S103B Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. R8152S103B Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. R8152S103B Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. R8152S103B Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. R8152S103B Datasheet HTML 28Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
R8152x
NO. EC-238-180730
26
EQUIVALENT SERIES RESISTANCE (ESR) VS. OUTPUT CURRENT
Ceramic type output capacitor is recommended for this series; however, the other output capacitors with low
ESR also can be used. As for reference, the below graphs show the relationship between output current (IOUT)
and equivalent series resistance (ESR). The noise level of the output current (IOUT) was measured by the test
circuit and is lower than the specified value.
Measurement Conditions
・
Input Voltage: VOUT + 1 V to 24 V
・
Noise Frequency Range: 10 Hz to 1 MHz
・
Ambient Temperature: −40
°C to 125°C
・
Shaded Area: Noise level is lower than the specified value
・
Capacitor: C1 = Ceramic 0.47 µF, C2 = Ceramic 10 µF
R8152x030B
R8152x030B
R8152x050B
R8152x050B
0
200
600
400
800 900
100
500
300
700
1000
Output Current IOUT (mA)
VIN=4V to 24V
0.01
1000
1
0.1
10
100
020
40 45
10
30
15
35
525
50
Output Current IOUT (mA)
0.01
1000
1
0.1
10
100
VIN=4V to 24V
0
200
600
400
800 900
100
500
300
700
1000
Output Current IOUT (mA)
VIN=6V to 24V
0.01
1000
1
0.1
10
100
020
40 45
10
30
15
35
525
50
Output Current IOUT (mA)
0.01
1000
1
0.1
10
100
VIN=6V to 24V
Specified Value = 40 µVrms
Specified Value = 40 µVrms
Specified Value = 50 µVrms
Specified Value = 50 µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com