Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APE65N04DF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # APE65N04DF
Description  40V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

APE65N04DF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  APE65N04DF Datasheet HTML 1Page - A POWER MICROELECTRONICS APE65N04DF Datasheet HTML 2Page - A POWER MICROELECTRONICS APE65N04DF Datasheet HTML 3Page - A POWER MICROELECTRONICS APE65N04DF Datasheet HTML 4Page - A POWER MICROELECTRONICS APE65N04DF Datasheet HTML 5Page - A POWER MICROELECTRONICS APE65N04DF Datasheet HTML 6Page - A POWER MICROELECTRONICS APE65N04DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APE65N04DF
40V N-Channel Enhancement Mode MOSFET
APE65N04NF RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
40
---
---
V
△BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25
℃ , ID=1mA
---
0.028
---
V/
℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V , ID=30A
---
8.0
12
mΩ
VGS=4.5V , ID=15A
---
10
15
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
1.6
2.5
V
△VGS(th)
VGS(th) Temperature Coefficient
---
-6.16
---
mV/
℃
IDSS
Drain-Source Leakage Current
VDS=40V , VGS=0V , TJ=25
℃
---
---
1
uA
VDS=40V , VGS=0V , TJ=55
℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=5V , ID=30A
---
22
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
1.7
3.4
Ω
Qg
Total Gate Charge (4.5V)
VDS=20V , VGS=10V , ID=25A
---
37
---
nC
Qgs
Gate-Source Charge
---
6
---
Qgd
Gate-Drain Charge
---
7
---
Td(on)
Turn-On Delay Time
VDD=30V , VGS=10V , RG=1Ω
ID=25A
---
12
---
ns
Tr
Rise Time
---
12
---
Td(off)
Turn-Off Delay Time
---
38
---
Tf
Fall Time
---
9
---
Ciss
Input Capacitance
VDS=20V , VGS=0V , f=1MHz
---
2400
---
pF
Coss
Output Capacitance
---
192
---
Crss
Reverse Transfer Capacitance
---
165
---
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
---
---
50
A
ISM
Pulsed Source Current2,5
---
---
200
A
VSD
Diode Forward Voltage2
VGS=0V , IS=1A , TJ=25
℃
---
---
1.2
V
trr
Reverse Recovery Time
IF=30A ,
dI/dt=100A/µs ,TJ=25
℃
---
22
---
nS
Qrr
Reverse Recovery Charge
---
11
---
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD=36V,VGS =10V,L=0.1mH,IAS =10A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com