Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34116C1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M34116C1
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116C1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M34116C1 Datasheet HTML 7Page - STMicroelectronics M34116C1 Datasheet HTML 8Page - STMicroelectronics M34116C1 Datasheet HTML 9Page - STMicroelectronics M34116C1 Datasheet HTML 10Page - STMicroelectronics M34116C1 Datasheet HTML 11Page - STMicroelectronics M34116C1 Datasheet HTML 12Page - STMicroelectronics M34116C1 Datasheet HTML 13Page - STMicroelectronics M34116C1 Datasheet HTML 14Page - STMicroelectronics M34116C1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
M34116 INSTRUCTION SET (continued)
INSTRUCTION 5: M34116 TONE GENERATION
Up to 7 Tone and 1 Melody channels may be active simultaneously. The instruction format for Tone and
Melody is the same. For each Tone channel from 1 up to 4 couples of Step/Time may be specified while
for the Melody channel from 1 up to 32 couples of Step/Time may be specified.
Note:
The Melody channel can be channel 0 or 8 or 16 or 24 etc. according to the following formula:
Melody channel number = 0 + 8 x n (n = 0, 1, 2, 3, 4, 5, 6, 7)
The Tone channel assignment follows the same rule:
Tone 1 channel number = 1 + 8 x n (n = 0, 1, 2, 3, 4, 5, 6, 7)
Tone 2 channel number = 2 + 8 x n (n = 0, 1, 2, 3, 4, 5, 6, 7)
. . . . . ... ... . . . . . . . . . . . . . . . . . . ... ... ... ... .. . .
Tone 7 channel number = 7 + 8 x n (n = 0, 1, 2, 3, 4, 5, 6, 7)
This means that, selecting the tone 1 on the channel 9 (or and other one of its series), the channels 1,
17, 25.... can not be used for tones (or melody). The same is occuring for the tones 2...7 or the melody.
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
AO4
AO3
AO2
AO1
AO0
0
1
0
0
C4
C3
C2
C1
C0
01
10
1
100
0
1
0
0
S17
S16
S15
S14
S13
S12
S11
S10
0
1
0
0
T17
T16
T15
T14
T13
T12
T11
T10
0
1
0
0
S27
S26
S25
S24
S23
S22
S21
S20
0
1
0
0
T27
T26
T25
T24
T23
T22
T21
T20
::
:
::::::
:::
optional end code:
01
0011
111
111
opcode:
01
10
1
100
y AO4–AO0: Output attenuation or gain (
±15dB) AO4 = 1 gain, AO4 = 0 attenuation,
AO3–AO0 value in dB (0–15)
0dB attenuation or gain correspond to -6dBm0 level.
y C5–C0: Channel number (0–63)
y Sn7–Sn0: Frequency Step for the n–th note in the tone sequence (n = 1–4 for tone n = 1–32 for
melody). Step is a compressed coding of the frequency value. Given a frequency value f the value of
S7–S0 can be calculated as follow:
1) calculate the linear step SL = round ( f x
32
125
)
2) apply the following table to get S7–S0 value from SL value (see also Appendix 1A and 1B).
S7
S6
Linear Step SL value (10 bit)
(SL decimal)
STEP (Hz)
0
0
0
0
0
0
S5
S4
S3
S2
S1
S0
(1
→64) (*)
3.9
0
0
0
0
0
1
S5
S4
S3
S2
S1
S0
(65–>127) (**)
3.9
0
1
0
0
1
S5
S4
S3
S2
S1
S0
0
(128–>254)
7.8
1
0
0
1
S5
S4
S3
S2
S1
S0
0
0
(256–>508)
15.6
1
1
1
S5
S4
S3
S2
S1
S0
0
0
0
(512–>1008)
31.2
(*) For tone 7 only; (**) For melody and tone 1-6
Note: to obtain a Pause (Silence) –> S7–S0 must be all 0’s
y End code: if Less than 4 couples of Step/Time for tone or less than 32 for melody are to be specified
then after the last couple of Step/Time a Step of all 1’s (optional end code) must be sent before the
opcode. Otherwise it must be skipped.
y Tn7–Tn0: Specify the duration of the n’th note or pause. The time increment is 32ms. To get T7–T0
value, divide the wanted duration in ms by 32 and round to integer.
Note: The minimum time between rising edges of successive WR for tone generation instruction is 4ck
periods (6ck periods if EC = 1).
M34116
11/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com