Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USOPTL4 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # USOPTL4
Description  In-line USB Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USOPTL4 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  USOPTL4 Datasheet HTML 1Page - Advantech Co., Ltd. USOPTL4 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
In-line USB Converters
USOPTL4, USPTL4, USO9ML4
SPECIFICATIONS
SERIAL TECHNOLOGY
RS-422/485 4-Wire
TDA(-), RDA(-), TDB(+), RDB(+), GND
RS-485 2-Wire
DATAA(-), DATA B(+), GND
Connector
Terminal block (USOPTL4, USOPTL4-LS, USPTL4, USPTL4-LS)
DB9 male connector (USO9ML4)
Data Rate
460.8 Kbps
Isolation
2 kV RMS (USOPTL4, USOPTL4-LS, USO9ML4)
Surge Protection
15kV ESD
Industrial Bus
Modbus ASCII/RTU
Bias
4.7 KΩ on receive lines in RS-422/485 mode
USB TECHNOLOGY
USB Compatibility
1.1 and 2.0
Speed
1.5, 12 Mbps
Connector
Type B High Retention
(15 N / 3.4 lbs-force withdrawal)
Operating System
Windows 2000, XP (32/64 bit), Vista (32/64 bit), 7 (32/64 bit),
8 (32/64 bit), 10 (32/64 bit) 2003 & 2008 Server (32/64 bit)
Download Windows 10 drivers at: www.advantech-bb.com
POWER
USB
Low power device (draws <100 mA)
INDICATORS
LEDs
Transmit Data, Receive Data
MECHANICAL
Dimensions
8.9 x 4.3 x 2.1 cm (3.5 x 1.7 x 0.8 in)
Enclosure
IP30, Plastic
MTBF USOPTL4-xx
2,267,7779 hours
MTBF USPTL4-xx
1,012,584 hours
MTBF USO9ML4
380,087 hours
MTBF Calc. Method
MIL 217F Parts Count Reliability
ENVIRONMENTAL
Operating Temperature 0 to 70 °C (32 to 158 °F)
Operating Humidity
0 to 95% Non-condensing
APPROVALS / CERTIFICATIONS
2004/108/EC
Electromagnetic Compatibility Directive
2011/65/EU
Reduction of Hazardous Substances Directive
EN55022: Class B
Information technology equipment - RF Emissions
EN55024
Information technology equipment - Immunity
EN 6100-6-1
Generic Standards for Residential, Commercial and Light-Industrial
Environments
EN61000-4-2
ESD Immunity
EN61000-4-3: +A2
Radiated Immunity
EN61000-4-4
EFT/Burst Immunity
EN61000-4-6
RF Conducted Immunity
MECHANICAL DIAGRAM
8.9 cm
3.5 in
4.3 cm
1.7 in
2.1 cm
0.8 in
8.9 cm
3.5 in
4.3 cm
1.7 in
2.1 cm
0.8 in



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com