Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-5830-AE. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USB-5830-AE.
Description  16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USB-5830-AE. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USB-5830-AE. Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Intelligent Motion Control and Machine Vision
USB-5830
USB-5850
USB-5860
16-ch Isolated Digital Input and 16-ch Isolated Digital
Output USB 3.0 I/O module
16-ch Isolated Digital Input & 8-ch PhotoMOS Relay USB
3.0 I/O module
8-ch Isolated Digital Input & 8-ch Relay USB 3.0 I/O
module
Features
ƒ USB 3.0 SuperSpeed
ƒ Daisy chainable by built in USB hub
ƒ 16-ch digital input and 16-ch digital output with 2,500
VDC isolation
ƒ Wide input voltage range (10 ~ 30 VDC)
ƒ Wide output voltage range (5 ~ 40 VDC) and high output
current (350 mA/ch)
ƒ Quick removable European type connector
ƒ LED indicators for I/O status
ƒ Supported operating systems: Windows XP/7/8/10
Features
ƒ USB 3.0 SuperSpeed
ƒ Daisy chainable by built in USB hub
ƒ 16-ch digital input and 8-ch PhotoMOS Relay output
(Form A) isolation
ƒ Wide input voltage range (10 ~ 30 VDC)
ƒ 1500 VDC optical isolation for relay outputs
ƒ Quick removable European type connector
ƒ LED indicators for I/O status
ƒ Supported operating systems: Windows XP/7/8/10
Features
ƒ USB 3.0 SuperSpeed
ƒ Daisy chainable by built in USB hub
ƒ 8-ch Isolated Digital Input and 8-ch Form A-type Relay
Output
ƒ Wide input voltage range (10 ~ 30 VDC)
ƒ High-voltage isolation on input channel (2,500 VDC )
ƒ Quick removable European type connector
ƒ LED indicators for I/O status
ƒ Supported operating systems: Windows XP/7/8/10
USB-5830
USB-5850
USB-5860
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
Introduction
The USB-5800 series are industrial isolated digital input and output USB 3.0 I/O modules. Its compact size and DIN-rail mount kit can install easily in a cabinet. Built in USB hub can support daisy
chain topology. Euro type pluggable terminal blocks and LED indicator help users to maintain and set up their system. All digital input and digital output channels are protected by 2,500 VDC isolation.
Specifications
Digital Input
ƒ Channels
16
ƒ Input voltage
Logic 0: 3 V max.
Logic 1: 10 V min. (30 V max.)
ƒ Isolation protection
2,500 VDC
Digital Output
ƒ Channels
16
ƒ Load voltage
5 ~ 40 VDC
ƒ Load current
350mA/ch (sink) @ 25°C
250mA/ch (sink) @ 60°C
ƒ Isolation protection
2,500 VDC
ƒ Opto-isolator Response Time 100us
General
ƒ Interface
USB 3.0
ƒ Data transfer rates
5 Gbps
ƒ Connectors
10-pin 3.81 mm terminal block
* 4 (I/O)
3-pin 3.81 mm screw terminal
block (power) * 2
USB 3.0 type A (to PC)
USB 3.0 type B (hub)
ƒ Dimensions
120 x 120 x 40 mm
ƒ Operating temperature
0 ~ 60°C (32 ~ 140°F)
ƒ Storage temperature
-40 ~ 70°C (-40 ~ 158°F)
ƒ Storage humidity
5 ~ 95% RH (non-condensing)
ƒ Power supply
10 ~ 30 VDC
ƒ Power Consumption
Typical 240mA @ 5V;
Max. 480mA @ 5V
Specifications
Digital Input
ƒ Channels
8
ƒ Input voltage
Logic 0: 3 V max.;
Logic 1: 10 V min. (30 V max.)
ƒ Isolation protection
2,500 VDC
Relay Output
ƒ Channels
8
ƒ Relay Type
Form A
ƒ Contact Rating (resistive)
2A @ 250VAC, 2A @ 30VDC
ƒ Max. Switching Power
500VA , 60W
ƒ Max. Switching Voltage
270VAC, 125VDC
ƒ Resistance
30m
Ω max.
ƒ Operating Time
Max. 10ms
ƒ Releasing Time
Max. 5ms
ƒ Life Expectancy
Mechanical 2 x 107 ops. at no load.
Electrical 3 x 104 ops. @ 2A/250VAC
General
ƒ Interface
USB 3.0
ƒ Data transfer rates
5 Gbps
ƒ Connectors
10-pin 3.81 mm terminal block *
3 (I/O)
3-pin 3.81 mm screw terminal
block (power) * 2
USB 3.0 type A (to PC)
USB 3.0 type B (hub)
ƒ Dimensions
120 x 120 x 40 mm
ƒ Operating temperature
0 ~ 60°C (32 ~ 140°F)
ƒ Storage temperature
-40 ~ 70°C (-40 ~ 158°F)
ƒ Storage humidity
5 ~ 95% RH (non-condensing)
ƒ Power supply
10 ~ 30 VDC
ƒ Power Consumption
Typical 240mA @ 5V;
Max. 460mA @ 5V
Specifications
Digital Input
ƒ Channels
16
ƒ Input voltage
Logic 0: 3 V max.
Logic 1: 10 V min. (30 V max.)
ƒ Isolation protection
2,500 VDC
PhotoMOS Relay Output
ƒ Channels
8
ƒ Relay type
PhotoMOS SPST (Form A)
ƒ Load Voltage
60V (AC peak or DC)
ƒ Load current
1.2A
ƒ Peak load current
4A @ 100ms (1 pulse)
ƒ Isolation protection
1,500 VDC
ƒ Turn-on time
1 ms typical
ƒ Turn-off time
0.6 ms typical
General
ƒ Interface
USB 3.0
ƒ Data transfer rates
5 Gbps
ƒ Connectors
10-pin 3.81 mm terminal block *
4 (I/O)
3-pin 3.81 mm screw terminal
block (power) * 2
USB 3.0 type A (to PC)
USB 3.0 type B (hub)
ƒ Dimensions
120 x 120 x 40 mm
ƒ Operating temperature
0 ~ 60°C (32 ~ 140°F)
ƒ Storage temperature
-40 ~ 70°C (-40 ~ 158°F)
ƒ Storage humidity
5 ~ 95% RH (non-condensing)
ƒ Power supply
10 ~ 30 VDC
ƒ Power Consumption
Typical 240mA @ 5V;
Max. 420mA @ 5V
Ordering Information
ƒ USB-5850-AE
16-ch isolated digital input &
8-ch PhotoMOS relay USB 3.0
I/O module
ƒ 96PSD-A40W24-MM
DIN RAIL A/D 100-240V 40W
24V
Ordering Information
ƒ USB-5830-AE
16-ch isolated digital input &
16-ch isolated digital output
USB 3.0 I/O module
ƒ 96PSD-A40W24-MM
DIN RAIL A/D 100-240V 40W
24V
Ordering Information
ƒ USB-5860-AE
8-ch isolated digital input & 8-ch
relay USB 3.0 I/O module
ƒ 96PSD-A40W24-MM
DIN RAIL A/D 100-240V 40W
24V
All product specifications are subject to change without notice
Last updated: 11-Jan-2018


Similar Part No. - USB-5830-AE.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-5830-AE ADVANTECH-USB-5830-AE Datasheet
611Kb / 1P
16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
More results

Similar Description - USB-5830-AE.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1762 ADVANTECH-PCI-1762 Datasheet
587Kb / 1P
16-ch Relay and 16-ch Isolated Digital Input PCI Card
USB-4750 ADVANTECH-USB-4750 Datasheet
519Kb / 1P
32-ch Isolated Digital I/O USB Module
ADAM-4056SO ADVANTECH-ADAM-4056SO Datasheet
80Kb / 1P
16-ch Digital Input Module 16-ch Isolated Digital I/O Module with Modbus
ADAM-6052 ADVANTECH-ADAM-6052 Datasheet
138Kb / 1P
16-ch Source-type Isolated Digital I/O Module
PCI-1762 ADVANTECH-PCI-1762_15 Datasheet
165Kb / 1P
16-ch Relay and 16-ch Isolated Digital Input PCI Card
USB-4750-AE ADVANTECH-USB-4750-AE Datasheet
152Kb / 1P
32-ch Isolated Digital I/O USB Module
USB-4750 ADVANTECH-USB-4750_V01 Datasheet
451Kb / 1P
32-Ch Isolated Digital I/O USB Module
27-Jun-2018
USB-5830 ADVANTECH-USB-5830 Datasheet
611Kb / 1P
16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
USB-5855 ADVANTECH-USB-5855 Datasheet
623Kb / 1P
32-ch Isolated Digital Input & 16-ch PhotoMOS Relay USB 3.0 I/O module
27-Jun-2018
AMAX-4830 ADVANTECH-AMAX-4830 Datasheet
473Kb / 1P
16-ch Isolated Digital Input and 16-ch Isolated Digital
24-Dec-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com