Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V2-WR2-US Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-RPS-V2-WR2-US
Description  10KHz@1-axis Smart Vibration Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V2-WR2-US Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-RPS-V2-WR2-US Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V2-WR2-US Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wireless IoT Sensing Devices
Features
WISE-2460
ƒ
RS-485 Serial communication through Modbus/RTU protocols
ƒ
10KHz@1-axis frequency detection range
ƒ
Velocity RMS, acceleration RMS, acceleration Peak, displacement, several
measurement vibration data
ƒ
Support max 10 customize detection ranges between 5 ~ 10,000Hz
ƒ
ISO 10816 compliant
ƒ
Supports wide temperature -20 ~ 105°C
ƒ
IP68 enclosure design
Common Specification
General
ƒ
Power Input
10 ~ 30VDC
ƒ
LED Indicator
Status, TX, RX
ƒ
Configuration Interface
RS-485 (Modbus/RTU)
ƒ
IP Class
IP68
ƒ
Mounting
Stud mount, mounting pad and adhesives
ƒ
Dimension (W x H x D)
58.4 x 36.7 x 40 mm
ƒ
Certification
CE
Environment
ƒ
Operating Temperature
-20°C ~ 105°C
ƒ
Operating Humidity
10% ~ 95% RH
ƒ
Storage Temperature
-25°C ~ 120°C
ƒ
Storage Humidity
5% ~ 95% RH
1-Axis Accelerometer Sensor
ƒ
Axis
Z
ƒ
Frequency Range
5~10000Hz
ƒ
Amplitude Range
±50g
ƒ
Statistical Time-Domain
Velocity RMS
ƒ
Output Data Rate
32768Hz
ƒ
Accuracy
5-4000Hz (5%); 4001~10000Hz (35%)
ƒ
Noise
25 μg/√Hz in ±50 g range
ƒ
Sensitivity Change Due
±5%
to Temperature
10KHz@1-axis Smart Vibration Sensor
Ordering Information
ƒ
WISE-2460-MA
10KHz@1-axis Smart Vibration Sensor
Accessories
ƒ
25F7000004N000
Magnet base D30XH9mm for WISE-2460 installation
ƒ
WISE-2410-MTB01
Metal base for WISE-2460 installation
ƒ
1700028162-01
M12, A-code, 4 pin, Female with 1M cable
ƒ
BB-RPS-V2-WR2-US
Power Supply, 12V/1A, US plug
ƒ
BB-RPS-V2-WR2-EU
Power Supply, 12V/1A, EU plug
Wireless Module
ƒ
WISE-4051-B
2.4G WiFi IoT Wireless I/O with 8DI/1RS-485
NEW
Introduction
WISE-2460 is a robust RS-485 smart vibration sensor integrated with an ARM Cortex-M7 processor, 10KHz@1-axis high detection range accelerometer and temperature sensor. This
powerful computing device balances the bandwidth between edge devices and the application service on the user side.
WISE-2460 builds-in several measurements of vibration, such like velocity RMS, acceleration RMS, acceleration Peak, displacement and so on. By using Advantech WISE Studio
utility, users can easily config all the setting, like ISO 10816 alarm threshold setting, customize the 10 detection ranges between 5 ~ 10,000Hz and others.
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 20-Dec-2023


Similar Part No. - BB-RPS-V2-WR2-US

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
457Kb / 2P
1-Port RS-232/422/485 Modbus Gateway
19-Aug-2022
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
1Mb / 2P
8-ch Digital Input IoT Wireless I/O Module with RS-485 Port
27-Jun-2024
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
1Mb / 2P
4-ch Digital Input and 4-ch Relay Output IoT Wireless I/O Module
27-Jun-2024
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
978Kb / 3P
Wi-Fi 2.4/5 GHz 802.11 a/b/g/n/ac I/O and Sensor Module
27-Jun-2024
BB-RPS-V2-WR2-US ADVANTECH-BB-RPS-V2-WR2-US Datasheet
346Kb / 2P
Industrial LoRaWAN Gateway
1-Jul-2024
More results

Similar Description - BB-RPS-V2-WR2-US

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
1-Axis Magnetic Sensor
logo
Advantech Co., Ltd.
WISE-2410 ADVANTECH-WISE-2410 Datasheet
201Kb / 2P
LoRa/LoRaWAN Wireless Smart Vibration Sensor
28-Jun-2019
WISE-2410 ADVANTECH-WISE-2410_V01 Datasheet
201Kb / 2P
LoRa/LoRaWAN Wireless Smart Vibration Sensor
28-Jun-2019
logo
Pepperl+Fuchs Inc.
VIM32PL-E1V16-0RE-I421V14 PF-VIM32PL-E1V16-0RE-I421V14 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E0T16-0ME-I420V14 PF-VIM62PL-E0T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1T16-0ME-I420V14 PF-VIM62PL-E1T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com