Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCGD Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # LCGD
Description  MiNIATURE INDUSTRIAL COMPRESSION LOAD CELL standard and metric models
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

LCGD Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  LCGD Datasheet HTML 1Page - Omega Engineering, Inc. LCGD Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F-28
F
z
I
R
LcMGD-100
Shown actual size.
LcMGD-2K
To Order
capacity
lb
n
MODEL nO.
cOMpatiBLE MEtErS*
25
111
LcGD-25
DPiS, DP41-S, DP25B-S
50
222
LcGD-50
DPiS, DP41-S, DP25B-S
100
445
LcGD-100
DPiS, DP41-S, DP25B-S
250
1112
LcGD-250
DPiS, DP41-S, DP25B-S
500
2224
LcGD-500
DPiS, DP41-S, DP25B-S
1000
4448
LcGD-1K
DPiS, DP41-S, DP25B-S
2000
8897
LcGD-2K
DPiS, DP41-S, DP25B-S
5000
22,242
LcGD-5K
DPiS, DP41-S, DP25B-S
10,000
44,484
LcGD-10K
DPiS, DP41-S, DP25B-S
15,000
66,726
LcGD-15K
DPiS**, DP41-S, DP25B-S**
20,000
88,968
LcGD-20K
DPiS**, DP41-S, DP25B-S**
30,000
133,452
LcGD-30K
DPiS**, DP41-S, DP25B-S**
50,000
222,420
LcGD-50K
DPiS**, DP41-S, DP25B-S**
Comes complete with 5-point
NIST-traceable calibration and 59 kΩ shunt data.
* Compatible meters available online.
** 4-digit meter.
Ordering Examples: LCGD-5K, 5000 lb
capacity load cell.
LCGD-25, 25 lb capacity load cell.
LCMGD-10KN, 10,000 Newton capacity
load cell.
LCMGD-500N, 500 Newton capacity load cell.
StanDarD MODELS
capacity
n
lb
MODEL nO.
cOMpatiBLE MEtErS*
100
22.5
LcMGD-100n
DPiS, DP41-S, DP25B-S
200
45
LcMGD-200n
DPiS, DP41-S, DP25B-S
500
112
LcMGD-500n
DPiS, DP41-S, DP25B-S
1000
225
LcMGD-1Kn
DPiS, DP41-S, DP25B-S
2000
450
LcMGD-2Kn
DPiS, DP41-S, DP25B-S
5000
1124
LcMGD-5Kn
DPiS, DP41-S, DP25B-S
10,000
2248
LcMGD-10Kn
DPiS**, DP41-S, DP25B-S**
20,000
4496
LcMGD-20Kn
DPiS**, DP41-S, DP25B-S**
50,000
11,240
LcMGD-50Kn
DPiS**, DP41-S, DP25B-S**
60,000
13,488
LcMGD-60Kn
DPiS**, DP41-S, DP25B-S**
80,000
17,984
LcMGD-80Kn
DPiS**, DP41-S, DP25B-S**
120,000
26,976
LcMGD-120Kn
DPiS**, DP41-S, DP25B-S**
200,000
44,960
LcMGD-200Kn
DPiS**, DP41-S, DP25B-S**
MEtric MODELS
COMPATibLE METERS
U
mV, V, ma, Strain Gage
thermocouple, rtD inputs
U
Full process Unit Scaling
U
Built-in transducer power
Comes complete with operator’s manual.
Ordering Examples: DP25B-E, voltage/current input meter for use with 0 to 5 V,
0 to 10 V, 4 to 20 mA output transducers.
DP25B-S, mV input meter for use with mV/V output transducers, DP41-B,
universal input meter for use with all standard transducer outputs.
Dp25B-E, shown smaller than
actual size, see omega.com/dp25b
PATENTED
To Order
MODEL nO.
DEScriptiOn
Dp25B-E
4-digit voltage/current input meter with excitation
Dp25B-S
4-digit mV input meter with excitation
Dp41-B
6-digit 1
⁄8 DIN universal input meter with excitation
Dp41-B, shown smaller than actual size,
see omega.com/dp41b
DP25b/DP41-b



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com