Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS76AD Datasheet(PDF) 2 Page - ON Semiconductor

Part # SN74LS76AD
Description  Dual JK Flip-Flop with Set and Clear
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS76AD Datasheet(HTML) 2 Page - ON Semiconductor

  SN74LS76AD Datasheet HTML 1Page - ON Semiconductor SN74LS76AD Datasheet HTML 2Page - ON Semiconductor SN74LS76AD Datasheet HTML 3Page - ON Semiconductor SN74LS76AD Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SN74LS76A
http://onsemi.com
2
LOGIC DIAGRAM
Q
CLEAR (CD)
J
CLOCK (CP)
K
SET (SD)
Q
LOGIC SYMBOL
16
1
4
15
14
KQ
CP
JQ
SD
VCC = PIN 5
GND = PIN 13
12
6
9
11
10
KQ
CP
JQ
CD
7
2
3
8
CD
SD
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
–0.65
–1.5
V
VCC = MIN, IIN = –18 mA
VOH
Output HIGH Voltage
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN VIL or VIH
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
IIH
Input HIGH Current
J, K
Clear
Clock
20
60
80
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
J, K
Clear
Clock
0.1
0.3
0.4
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
J, K
Clear, Clock
–0.4
–0.8
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
–20
–100
mA
VCC = MAX
ICC
Power Supply Current
6.0
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
fMAX
Maximum Clock Frequency
30
45
MHz
tPLH
Clock Clear Set to Output
15
20
ns
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Clock, Clear, Set to Output
15
20
ns
CL = 15 pF
AC SETUP REQUIREMENTS (TA = 25°C)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock Pulse Width High
20
ns
tW
Clear Set Pulse Width
25
ns
VCC 50V
ts
Setup Time
20
ns
VCC = 5.0 V
th
Hold Time
0
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com